Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA2SXABC Datasheet(PDF) 122 Page - Texas Instruments

Part # TDA2SXABC
Description  TDA2x ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
PDF  427 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TDA2SXABC Datasheet(HTML) 122 Page - Texas Instruments

Back Button TDA2SXABC Datasheet HTML 118Page - Texas Instruments TDA2SXABC Datasheet HTML 119Page - Texas Instruments TDA2SXABC Datasheet HTML 120Page - Texas Instruments TDA2SXABC Datasheet HTML 121Page - Texas Instruments TDA2SXABC Datasheet HTML 122Page - Texas Instruments TDA2SXABC Datasheet HTML 123Page - Texas Instruments TDA2SXABC Datasheet HTML 124Page - Texas Instruments TDA2SXABC Datasheet HTML 125Page - Texas Instruments TDA2SXABC Datasheet HTML 126Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 427 page
background image
122
TDA2SX, TDA2SG, TDA2SA
TDA2HG, TDA2HV, TDA2HF, TDA2LF
SPRS951F – DECEMBER 2015 – REVISED MAY 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: TDA2SX TDA2SG TDA2SA TDA2HG TDA2HV TDA2HF TDA2LF
Terminal Configuration and Functions
Copyright © 2015–2019, Texas Instruments Incorporated
Table 4-21. GPIOs Signal Descriptions (continued)
SIGNAL NAME
DESCRIPTION
TYPE
BALL
gpio1_14
General-Purpose Input/Output
IO
G20
gpio1_15
General-Purpose Input/Output
IO
G19
gpio1_16
General-Purpose Input/Output
IO
D27
gpio1_17
General-Purpose Input/Output
IO
C28
gpio1_18
General-Purpose Input/Output
IO
H1
gpio1_19
General-Purpose Input/Output
IO
J3
gpio1_20
General-Purpose Input/Output
IO
H2
gpio1_21
General-Purpose Input/Output
IO
H3
gpio1_22
General-Purpose Input/Output
IO
AC8
gpio1_23
General-Purpose Input/Output
IO
AD6
gpio1_24
General-Purpose Input/Output
IO
AB8
gpio1_25
General-Purpose Input/Output
IO
AB5
gpio1_26
General-Purpose Input/Output
IO
P6
gpio1_27
General-Purpose Input/Output
IO
R9
gpio1_28
General-Purpose Input/Output
IO
R5
gpio1_29
General-Purpose Input/Output
IO
P5
gpio1_30
General-Purpose Input/Output
IO
N7
gpio1_31
General-Purpose Input/Output
IO
R4
GPIO 2
gpio2_0
General-Purpose Input/Output
IO
N9
gpio2_1
General-Purpose Input/Output
IO
P9
gpio2_2
General-Purpose Input/Output
IO
P4
gpio2_3
General-Purpose Input/Output
IO
R3
gpio2_4
General-Purpose Input/Output
IO
T2
gpio2_5
General-Purpose Input/Output
IO
U2
gpio2_6
General-Purpose Input/Output
IO
U1
gpio2_7
General-Purpose Input/Output
IO
P3
gpio2_8
General-Purpose Input/Output
IO
R2
gpio2_9
General-Purpose Input/Output
IO
K7
gpio2_10
General-Purpose Input/Output
IO
M7
gpio2_11
General-Purpose Input/Output
IO
J5
gpio2_12
General-Purpose Input/Output
IO
K6
gpio2_13
General-Purpose Input/Output
IO
J7
gpio2_14
General-Purpose Input/Output
IO
J4
gpio2_15
General-Purpose Input/Output
IO
J6
gpio2_16
General-Purpose Input/Output
IO
H4
gpio2_17
General-Purpose Input/Output
IO
H5
gpio2_18
General-Purpose Input/Output
IO
H6
gpio2_19
General-Purpose Input/Output
IO
T1
gpio2_20
General-Purpose Input/Output
IO
P2
gpio2_21
General-Purpose Input/Output
IO
P1
gpio2_22
General-Purpose Input/Output
IO
P7
gpio2_23
General-Purpose Input/Output
IO
N1
gpio2_24
General-Purpose Input/Output
IO
M5
gpio2_25
General-Purpose Input/Output
IO
M3
gpio2_26
General-Purpose Input/Output
IO
N6
gpio2_27
General-Purpose Input/Output
IO
M4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com