Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA2SXABC Datasheet(PDF) 126 Page - Texas Instruments

Part # TDA2SXABC
Description  TDA2x ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
PDF  427 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TDA2SXABC Datasheet(HTML) 126 Page - Texas Instruments

Back Button TDA2SXABC Datasheet HTML 122Page - Texas Instruments TDA2SXABC Datasheet HTML 123Page - Texas Instruments TDA2SXABC Datasheet HTML 124Page - Texas Instruments TDA2SXABC Datasheet HTML 125Page - Texas Instruments TDA2SXABC Datasheet HTML 126Page - Texas Instruments TDA2SXABC Datasheet HTML 127Page - Texas Instruments TDA2SXABC Datasheet HTML 128Page - Texas Instruments TDA2SXABC Datasheet HTML 129Page - Texas Instruments TDA2SXABC Datasheet HTML 130Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 427 page
background image
126
TDA2SX, TDA2SG, TDA2SA
TDA2HG, TDA2HV, TDA2HF, TDA2LF
SPRS951F – DECEMBER 2015 – REVISED MAY 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: TDA2SX TDA2SG TDA2SA TDA2HG TDA2HV TDA2HF TDA2LF
Terminal Configuration and Functions
Copyright © 2015–2019, Texas Instruments Incorporated
Table 4-21. GPIOs Signal Descriptions (continued)
SIGNAL NAME
DESCRIPTION
TYPE
BALL
gpio7_8
General-Purpose Input/Output
IO
F16
gpio7_9
General-Purpose Input/Output
IO
B25
gpio7_10
General-Purpose Input/Output
IO
A24
gpio7_11
General-Purpose Input/Output
IO
A22
gpio7_12
General-Purpose Input/Output
IO
B21
gpio7_13
General-Purpose Input/Output
IO
B20
gpio7_14
General-Purpose Input/Output
IO
A26
gpio7_15
General-Purpose Input/Output
IO
B22
gpio7_16
General-Purpose Input/Output
IO
G17
gpio7_17
General-Purpose Input/Output
IO
B24
gpio7_18
General-Purpose Input/Output
IO
L1
gpio7_19
General-Purpose Input/Output
IO
K2
gpio7_22
General-Purpose Input/Output
IO
B27
gpio7_23
General-Purpose Input/Output
IO
C26
gpio7_24
General-Purpose Input/Output
IO
E25
gpio7_25
General-Purpose Input/Output
IO
C27
gpio7_26
General-Purpose Input/Output
IO
D28
gpio7_27
General-Purpose Input/Output
IO
D26
gpio7_28
General-Purpose Input/Output
IO
J1
gpio7_29
General-Purpose Input/Output
IO
J2
gpio7_30
General-Purpose Input/Output
IO
D14
gpio7_31
General-Purpose Input/Output
IO
C14
GPIO 8
gpio8_0
General-Purpose Input/Output
IO
F11
gpio8_1
General-Purpose Input/Output
IO
G10
gpio8_2
General-Purpose Input/Output
IO
F10
gpio8_3
General-Purpose Input/Output
IO
G11
gpio8_4
General-Purpose Input/Output
IO
E9
gpio8_5
General-Purpose Input/Output
IO
F9
gpio8_6
General-Purpose Input/Output
IO
F8
gpio8_7
General-Purpose Input/Output
IO
E7
gpio8_8
General-Purpose Input/Output
IO
E8
gpio8_9
General-Purpose Input/Output
IO
D9
gpio8_10
General-Purpose Input/Output
IO
D7
gpio8_11
General-Purpose Input/Output
IO
D8
gpio8_12
General-Purpose Input/Output
IO
A5
gpio8_13
General-Purpose Input/Output
IO
C6
gpio8_14
General-Purpose Input/Output
IO
C8
gpio8_15
General-Purpose Input/Output
IO
C7
gpio8_16
General-Purpose Input/Output
IO
B7
gpio8_17
General-Purpose Input/Output
IO
B8
gpio8_18
General-Purpose Input/Output
IO
A7
gpio8_19
General-Purpose Input/Output
IO
A8
gpio8_20
General-Purpose Input/Output
IO
C9
gpio8_21
General-Purpose Input/Output
IO
A9
gpio8_22
General-Purpose Input/Output
IO
B9
gpio8_23
General-Purpose Input/Output
IO
A10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com