Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA2SXABC Datasheet(PDF) 127 Page - Texas Instruments

Part # TDA2SXABC
Description  TDA2x ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
PDF  427 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TDA2SXABC Datasheet(HTML) 127 Page - Texas Instruments

Back Button TDA2SXABC Datasheet HTML 123Page - Texas Instruments TDA2SXABC Datasheet HTML 124Page - Texas Instruments TDA2SXABC Datasheet HTML 125Page - Texas Instruments TDA2SXABC Datasheet HTML 126Page - Texas Instruments TDA2SXABC Datasheet HTML 127Page - Texas Instruments TDA2SXABC Datasheet HTML 128Page - Texas Instruments TDA2SXABC Datasheet HTML 129Page - Texas Instruments TDA2SXABC Datasheet HTML 130Page - Texas Instruments TDA2SXABC Datasheet HTML 131Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 427 page
background image
127
TDA2SX, TDA2SG, TDA2SA
TDA2HG, TDA2HV, TDA2HF, TDA2LF
www.ti.com
SPRS951F – DECEMBER 2015 – REVISED MAY 2019
Submit Documentation Feedback
Product Folder Links: TDA2SX TDA2SG TDA2SA TDA2HG TDA2HV TDA2HF TDA2LF
Terminal Configuration and Functions
Copyright © 2015–2019, Texas Instruments Incorporated
Table 4-21. GPIOs Signal Descriptions (continued)
SIGNAL NAME
DESCRIPTION
TYPE
BALL
gpio8_27
General-Purpose Input
I
D23
gpio8_28
General-Purpose Input/Output
IO
F19
gpio8_29
General-Purpose Input/Output
IO
E18
gpio8_30(1)
General-Purpose Input/Output
IO
G21
gpio8_31(1)
General-Purpose Input/Output
IO
D24
(1) gpio8_30 is multiplexed with EMU0 and gpio8_31 is multiplexed with EMU1. These pins will be sampled at reset release by the test and
emulation logic. Therefore, if they are used as GPIO pins, they must return to the high state whenever the device enters reset. This can
be controlled by logic driven from rstoutn. After the device exits reset (indicated by rstoutn rising), these can return to GPIO mode.
4.4.19 Pulse Width Modulation (PWM) Interface
NOTE
For more information, see the Pulse-Width Modulation (PWM) SS section of the device TRM.
Table 4-22. PWM Signal Descriptions
SIGNAL NAME
DESCRIPTION
TYPE
BALL
PWMSS1
eQEP1A_in
EQEP1 Quadrature Input A
I
E1 / AD9
eQEP1B_in
EQEP1 Quadrature Input B
I
G2 / AF9
eQEP1_index
EQEP1 Index Input
IO
AE9 / H7
eQEP1_strobe
EQEP1 Strobe Input
IO
G1 / AF8
ehrpwm1A
EHRPWM1 Output A
O
AE8 / G6
ehrpwm1B
EHRPWM1 Output B
O
AD8 / F2
ehrpwm1_tripzone_in
put
EHRPWM1 Trip Zone Input
IO
AG7 / F3
eCAP1_in_PWM1_out ECAP1 Capture Input / PWM Output
IO
AH6 / D1
ehrpwm1_synci
EHRPWM1 Sync Input
I
AH3 / E2
ehrpwm1_synco
EHRPWM1 Sync Output
O
AH5 / D2
PWMSS2
eQEP2A_in
EQEP2 Quadrature Input A
I
AG6 / F4
eQEP2B_in
EQEP2 Quadrature Input B
I
AH4 / C1
eQEP2_index
EQEP2 Index Input
IO
AG4 / E4
eQEP2_strobe
EQEP2 Strobe Input
IO
AG2 / F5
ehrpwm2A
EHRPWM2 Output A
O
AC5 / E6
ehrpwm2B
EHRPWM2 Output B
O
AB4 / D3
ehrpwm2_tripzone_in
put
EHRPWM2 Trip Zone Input
IO
AD4 / F6
eCAP2_in_PWM2_out ECAP2 Capture Input / PWM Output
IO
AC4 / D5
PWMSS3
eQEP3A_in
EQEP3 Quadrature Input A
I
AC7 / C2
eQEP3B_in
EQEP3 Quadrature Input B
I
AC6 / C3
eQEP3_index
EQEP3 Index Input
IO
AC9 / C4
eQEP3_strobe
EQEP3 Strobe Input
IO
AC3 / B2
ehrpwm3A
EHRPWM3 Output A
O
AC8 / D6
ehrpwm3B
EHRPWM3 Output B
O
AD6 / C5
ehrpwm3_tripzone_in
put
EHRPWM3 Trip Zone Input
IO
AB8 / A3
eCAP3_in_PWM3_out ECAP3 Capture Input / PWM Output
IO
AB5 / B3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com