Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA2SXABC Datasheet(PDF) 128 Page - Texas Instruments

Part # TDA2SXABC
Description  TDA2x ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
PDF  427 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TDA2SXABC Datasheet(HTML) 128 Page - Texas Instruments

Back Button TDA2SXABC Datasheet HTML 124Page - Texas Instruments TDA2SXABC Datasheet HTML 125Page - Texas Instruments TDA2SXABC Datasheet HTML 126Page - Texas Instruments TDA2SXABC Datasheet HTML 127Page - Texas Instruments TDA2SXABC Datasheet HTML 128Page - Texas Instruments TDA2SXABC Datasheet HTML 129Page - Texas Instruments TDA2SXABC Datasheet HTML 130Page - Texas Instruments TDA2SXABC Datasheet HTML 131Page - Texas Instruments TDA2SXABC Datasheet HTML 132Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 427 page
background image
128
TDA2SX, TDA2SG, TDA2SA
TDA2HG, TDA2HV, TDA2HF, TDA2LF
SPRS951F – DECEMBER 2015 – REVISED MAY 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: TDA2SX TDA2SG TDA2SA TDA2HG TDA2HV TDA2HF TDA2LF
Terminal Configuration and Functions
Copyright © 2015–2019, Texas Instruments Incorporated
4.4.20 System and Miscellaneous
4.4.20.1 Sysboot Interface
NOTE
For more information, see the Initialization (ROM Code) section of the device TRM.
Table 4-23. Sysboot Signal Descriptions
SIGNAL NAME
DESCRIPTION
TYPE
BALL
sysboot0
Boot Mode Configuration 0. The value latched on this pin upon porz
reset release will determine the boot mode configuration of the device.
I
M6
sysboot1
Boot Mode Configuration 1. The value latched on this pin upon porz
reset release will determine the boot mode configuration of the device.
I
M2
sysboot2
Boot Mode Configuration 2. The value latched on this pin upon porz
reset release will determine the boot mode configuration of the device.
I
L5
sysboot3
Boot Mode Configuration 3. The value latched on this pin upon porz
reset release will determine the boot mode configuration of the device.
I
M1
sysboot4
Boot Mode Configuration 4. The value latched on this pin upon porz
reset release will determine the boot mode configuration of the device.
I
L6
sysboot5
Boot Mode Configuration 5. The value latched on this pin upon porz
reset release will determine the boot mode configuration of the device.
I
L4
sysboot6
Boot Mode Configuration 6. The value latched on this pin upon porz
reset release will determine the boot mode configuration of the device.
I
L3
sysboot7
Boot Mode Configuration 7. The value latched on this pin upon porz
reset release will determine the boot mode configuration of the device.
I
L2
sysboot8
Boot Mode Configuration 8. The value latched on this pin upon porz
reset release will determine the boot mode configuration of the device.
I
L1
sysboot9
Boot Mode Configuration 9. The value latched on this pin upon porz
reset release will determine the boot mode configuration of the device.
I
K2
sysboot10
Boot Mode Configuration 10. The value latched on this pin upon porz
reset release will determine the boot mode configuration of the device.
I
J1
sysboot11
Boot Mode Configuration 11. The value latched on this pin upon porz
reset release will determine the boot mode configuration of the device.
I
J2
sysboot12
Boot Mode Configuration 12. The value latched on this pin upon porz
reset release will determine the boot mode configuration of the device.
I
H1
sysboot13
Boot Mode Configuration 13. The value latched on this pin upon porz
reset release will determine the boot mode configuration of the device.
I
J3
sysboot14
Boot Mode Configuration 14. The value latched on this pin upon porz
reset release will determine the boot mode configuration of the device.
I
H2
sysboot15
Boot Mode Configuration 15. The value latched on this pin upon porz
reset release will determine the boot mode configuration of the device.
I
H3
4.4.20.2 Power, Reset, and Clock Management (PRCM)
NOTE
For more information, see PRCM section of the device TRM.
Table 4-24. PRCM Signal Descriptions
SIGNAL NAME
DESCRIPTION
TYPE
BALL
clkout1
Device Clock output 1. Can be used externally for devices with non-
critical timing requirements, or for debug, or as a reference clock on
GPMC as described in Table 7-26 GPMC/NOR Flash Interface Switching
Characteristics - Synchronous Mode - Default and Table 7-28
GPMC/NOR Flash Interface Switching Characteristics - Synchronous
Mode - Alternate.
O
F21/ P7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com