Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA2SXABC Datasheet(PDF) 124 Page - Texas Instruments

Part # TDA2SXABC
Description  TDA2x ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
PDF  427 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TDA2SXABC Datasheet(HTML) 124 Page - Texas Instruments

Back Button TDA2SXABC Datasheet HTML 120Page - Texas Instruments TDA2SXABC Datasheet HTML 121Page - Texas Instruments TDA2SXABC Datasheet HTML 122Page - Texas Instruments TDA2SXABC Datasheet HTML 123Page - Texas Instruments TDA2SXABC Datasheet HTML 124Page - Texas Instruments TDA2SXABC Datasheet HTML 125Page - Texas Instruments TDA2SXABC Datasheet HTML 126Page - Texas Instruments TDA2SXABC Datasheet HTML 127Page - Texas Instruments TDA2SXABC Datasheet HTML 128Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 427 page
background image
124
TDA2SX, TDA2SG, TDA2SA
TDA2HG, TDA2HV, TDA2HF, TDA2LF
SPRS951F – DECEMBER 2015 – REVISED MAY 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: TDA2SX TDA2SG TDA2SA TDA2HG TDA2HV TDA2HF TDA2LF
Terminal Configuration and Functions
Copyright © 2015–2019, Texas Instruments Incorporated
Table 4-21. GPIOs Signal Descriptions (continued)
SIGNAL NAME
DESCRIPTION
TYPE
BALL
gpio4_9
General-Purpose Input/Output
IO
F5
gpio4_10
General-Purpose Input/Output
IO
E6
gpio4_11
General-Purpose Input/Output
IO
D3
gpio4_12
General-Purpose Input/Output
IO
F6
gpio4_13
General-Purpose Input/Output
IO
D5
gpio4_14
General-Purpose Input/Output
IO
C2
gpio4_15
General-Purpose Input/Output
IO
C3
gpio4_16
General-Purpose Input/Output
IO
C4
gpio4_17
General-Purpose Input/Output
IO
A12
gpio4_18
General-Purpose Input/Output
IO
E14
gpio4_19
General-Purpose Input/Output
IO
D11
gpio4_20
General-Purpose Input/Output
IO
B10
gpio4_21
General-Purpose Input/Output
IO
B11
gpio4_22
General-Purpose Input/Output
IO
C11
gpio4_23
General-Purpose Input/Output
IO
E11
gpio4_24
General-Purpose Input/Output
IO
B2
gpio4_25
General-Purpose Input/Output
IO
D6
gpio4_26
General-Purpose Input/Output
IO
C5
gpio4_27
General-Purpose Input/Output
IO
A3
gpio4_28
General-Purpose Input/Output
IO
B3
gpio4_29
General-Purpose Input/Output
IO
B4
gpio4_30
General-Purpose Input/Output
IO
B5
gpio4_31
General-Purpose Input/Output
IO
A4
GPIO 5
gpio5_0
General-Purpose Input/Output
IO
B14
gpio5_1
General-Purpose Input/Output
IO
J14
gpio5_2
General-Purpose Input/Output
IO
G12
gpio5_3
General-Purpose Input/Output
IO
F12
gpio5_4
General-Purpose Input/Output
IO
G13
gpio5_5
General-Purpose Input/Output
IO
J11
gpio5_6
General-Purpose Input/Output
IO
E12
gpio5_7
General-Purpose Input/Output
IO
F13
gpio5_8
General-Purpose Input/Output
IO
C12
gpio5_9
General-Purpose Input/Output
IO
D12
gpio5_10
General-Purpose Input/Output
IO
B12
gpio5_11
General-Purpose Input/Output
IO
A11
gpio5_12
General-Purpose Input/Output
IO
B13
gpio5_13
General-Purpose Input/Output
IO
B18
gpio5_14
General-Purpose Input/Output
IO
F15
gpio5_15
General-Purpose Input/Output
IO
V1
gpio5_16
General-Purpose Input/Output
IO
U4
gpio5_17
General-Purpose Input/Output
IO
U3
gpio5_18
General-Purpose Input/Output
IO
V2
gpio5_19
General-Purpose Input/Output
IO
Y1
gpio5_20
General-Purpose Input/Output
IO
W9
gpio5_21
General-Purpose Input/Output
IO
V9
gpio5_22
General-Purpose Input/Output
IO
V7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com