Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA2SXABC Datasheet(PDF) 119 Page - Texas Instruments

Part # TDA2SXABC
Description  TDA2x ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
PDF  427 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TDA2SXABC Datasheet(HTML) 119 Page - Texas Instruments

Back Button TDA2SXABC Datasheet HTML 115Page - Texas Instruments TDA2SXABC Datasheet HTML 116Page - Texas Instruments TDA2SXABC Datasheet HTML 117Page - Texas Instruments TDA2SXABC Datasheet HTML 118Page - Texas Instruments TDA2SXABC Datasheet HTML 119Page - Texas Instruments TDA2SXABC Datasheet HTML 120Page - Texas Instruments TDA2SXABC Datasheet HTML 121Page - Texas Instruments TDA2SXABC Datasheet HTML 122Page - Texas Instruments TDA2SXABC Datasheet HTML 123Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 427 page
background image
119
TDA2SX, TDA2SG, TDA2SA
TDA2HG, TDA2HV, TDA2HF, TDA2LF
www.ti.com
SPRS951F – DECEMBER 2015 – REVISED MAY 2019
Submit Documentation Feedback
Product Folder Links: TDA2SX TDA2SG TDA2SA TDA2HG TDA2HV TDA2HF TDA2LF
Terminal Configuration and Functions
Copyright © 2015–2019, Texas Instruments Incorporated
Table 4-19. GMAC Signal Descriptions (continued)
SIGNAL NAME
DESCRIPTION
TYPE
BALL
rgmii1_rxd2
RGMII1 Receive Data
I
B4
rgmii1_rxd3
RGMII1 Receive Data
I
B3
rgmii1_txc
RGMII1 Transmit Clock
O
D5
rgmii1_txctl
RGMII1 Transmit Enable
O
C2
rgmii1_txd0
RGMII1 Transmit Data
O
D6
rgmii1_txd1
RGMII1 Transmit Data
O
B2
rgmii1_txd2
RGMII1 Transmit Data
O
C4
rgmii1_txd3
RGMII1 Transmit Data
O
C3
MII0
mii0_rxd1
MII0 Receive Data
I
V6
mii0_rxd2
MII0 Receive Data
I
V9
mii0_rxd3
MII0 Receive Data
I
W9
mii0_rxd0
MII0 Receive Data
I
U6
mii0_rxclk
MII0 Receive Clock
I
Y1
mii0_rxdv
MII0 Receive Data Valid
I
V2
mii0_txclk
MII0 Transmit Clock
I
U5
mii0_txd0
MII0 Transmit Data
O
W2
mii0_txd1
MII0 Transmit Data
O
Y2
mii0_txd2
MII0 Transmit Data
O
V4
mii0_txd3
MII0 Transmit Data
O
V5
mii0_txer
MII0 Transmit Error
O
U4
mii0_rxer
MII0 Receive Data Error
I
U7
mii0_col
MII0 Collision Detect (Sense)
I
V1
mii0_crs
MII0 Carrier Sense
I
V7
mii0_txen
MII0 Transmit Data Enable
O
V3
MII1
mii1_col
MII1 Collision Detect (Sense)
I
B4
mii1_crs
MII1 Carrier Sense
I
B5
mii1_rxclk
MII1 Receive Clock
I
D5
mii1_rxd0
MII1 Receive Data
I
E6
mii1_rxd1
MII1 Receive Data
I
C1
mii1_rxd2
MII1 Receive Data
I
E4
mii1_rxd3
MII1 Receive Data
I
F5
mii1_rxdv
MII1 Receive Data Valid
I
C2
mii1_rxer
MII1 Receive Data Error
I
B3
mii1_txclk
MII1 Transmit Clock
I
C3
mii1_txd0
MII1 Transmit Data
O
C4
mii1_txd1
MII1 Transmit Data
O
B2
mii1_txd2
MII1 Transmit Data
O
D6
mii1_txd3
MII1 Transmit Data
O
C5
mii1_txen
MII1 Transmit Data Enable
O
A4
mii1_txer
MII1 Transmit Error
O
A3
RMII0
rmii0_crs
RMII0 Carrier Sense
I
V7
rmii0_rxd0
RMII0 Receive Data
I
U6
rmii0_rxd1
RMII0 Receive Data
I
V6
rmii0_rxer
RMII0 Receive Data Error
I
U7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com