Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA2SXABC Datasheet(PDF) 115 Page - Texas Instruments

Part # TDA2SXABC
Description  TDA2x ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
PDF  427 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TDA2SXABC Datasheet(HTML) 115 Page - Texas Instruments

Back Button TDA2SXABC Datasheet HTML 111Page - Texas Instruments TDA2SXABC Datasheet HTML 112Page - Texas Instruments TDA2SXABC Datasheet HTML 113Page - Texas Instruments TDA2SXABC Datasheet HTML 114Page - Texas Instruments TDA2SXABC Datasheet HTML 115Page - Texas Instruments TDA2SXABC Datasheet HTML 116Page - Texas Instruments TDA2SXABC Datasheet HTML 117Page - Texas Instruments TDA2SXABC Datasheet HTML 118Page - Texas Instruments TDA2SXABC Datasheet HTML 119Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 427 page
background image
115
TDA2SX, TDA2SG, TDA2SA
TDA2HG, TDA2HV, TDA2HF, TDA2LF
www.ti.com
SPRS951F – DECEMBER 2015 – REVISED MAY 2019
Submit Documentation Feedback
Product Folder Links: TDA2SX TDA2SG TDA2SA TDA2HG TDA2HV TDA2HF TDA2LF
Terminal Configuration and Functions
Copyright © 2015–2019, Texas Instruments Incorporated
Table 4-14. McASP Signal Descriptions (continued)
SIGNAL NAME
DESCRIPTION
TYPE
BALL
mcasp4_axr1
McASP4 Transmit/Receive Data
IO
D17
mcasp4_axr2
McASP4 Transmit/Receive Data
IO
E12
mcasp4_axr3
McASP4 Transmit/Receive Data
IO
F13
mcasp4_fsx
McASP4 Transmit Frame Sync
IO
A21
mcasp4_ahclkx
McASP4 Transmit High-Frequency Master Clock
O
C23
mcasp4_aclkx(1)
McASP4 Transmit Bit Clock
IO
C18
mcasp4_aclkr(1)
McASP4 Receive Bit Clock
IO
C18
mcasp4_fsr
McASP4 Receive Frame Sync
IO
A21
Multichannel Audio Serial Port 5
mcasp5_axr0
McASP5 Transmit/Receive Data
IO
AB3
mcasp5_axr1
McASP5 Transmit/Receive Data
IO
AA4
mcasp5_axr2
McASP5 Transmit/Receive Data
IO
C12
mcasp5_axr3
McASP5 Transmit/Receive Data
IO
D12
mcasp5_fsx
McASP5 Transmit Frame Sync
IO
AB9
mcasp5_ahclkx
McASP5 Transmit High-Frequency Master Clock
O
D18
mcasp5_aclkx(1)
McASP5 Transmit Bit Clock
IO
AA3
mcasp5_aclkr(1)
McASP5 Receive Bit Clock
IO
AA3
mcasp5_fsr
McASP5 Receive Frame Sync
IO
AB9
Multichannel Audio Serial Port 6
mcasp6_axr0
McASP6 Transmit/Receive Data
IO
B12
mcasp6_axr1
McASP6 Transmit/Receive Data
IO
A11
mcasp6_axr2
McASP6 Transmit/Receive Data
IO
G13
mcasp6_axr3
McASP6 Transmit/Receive Data
IO
J11
mcasp6_ahclkx
McASP6 Transmit High-Frequency Master Clock
O
E17
mcasp6_aclkx(1)
McASP6 Transmit Bit Clock
IO
B13
mcasp6_fsx
McASP6 Transmit Frame Sync
IO
A12
mcasp6_aclkr(1)
McASP6 Receive Bit Clock
IO
B13
mcasp6_fsr
McASP6 Receive Frame Sync
IO
A12
Multichannel Audio Serial Port 7
mcasp7_axr0
McASP7 Transmit/Receive Data
IO
E14
mcasp7_axr1
McASP7 Transmit/Receive Data
IO
A13
mcasp7_axr2
McASP7 Transmit/Receive Data
IO
B14
mcasp7_axr3
McASP7 Transmit/Receive Data
IO
J14
mcasp7_ahclkx
McASP7 Transmit High-Frequency Master Clock
O
B26
mcasp7_aclkx(1)
McASP7 Transmit Bit Clock
IO
G14
mcasp7_fsx
McASP7 Transmit Frame Sync
IO
F14
mcasp7_aclkr(1)
McASP7 Receive Bit Clock
IO
G14
mcasp7_fsr
McASP7 Receive Frame Sync
IO
F14
Multichannel Audio Serial Port 8
mcasp8_axr0
McASP8 Transmit/Receive Data
IO
D15
mcasp8_axr1
McASP8 Transmit/Receive Data
IO
B16
mcasp8_axr2
McASP8 Transmit/Receive Data
IO
E15
mcasp8_axr3
McASP8 Transmit/Receive Data
IO
A20
mcasp8_ahclkx
McASP8 Transmit High-Frequency Master Clock
O
C23
mcasp8_aclkx(1)
McASP8 Transmit Bit Clock
IO
B17
mcasp8_fsx
McASP8 Transmit Frame Sync
IO
A17
mcasp8_aclkr(1)
McASP8 Receive Bit Clock
IO
B17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com