Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA2SXABC Datasheet(PDF) 117 Page - Texas Instruments

Part # TDA2SXABC
Description  TDA2x ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
PDF  427 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TDA2SXABC Datasheet(HTML) 117 Page - Texas Instruments

Back Button TDA2SXABC Datasheet HTML 113Page - Texas Instruments TDA2SXABC Datasheet HTML 114Page - Texas Instruments TDA2SXABC Datasheet HTML 115Page - Texas Instruments TDA2SXABC Datasheet HTML 116Page - Texas Instruments TDA2SXABC Datasheet HTML 117Page - Texas Instruments TDA2SXABC Datasheet HTML 118Page - Texas Instruments TDA2SXABC Datasheet HTML 119Page - Texas Instruments TDA2SXABC Datasheet HTML 120Page - Texas Instruments TDA2SXABC Datasheet HTML 121Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 427 page
background image
117
TDA2SX, TDA2SG, TDA2SA
TDA2HG, TDA2HV, TDA2HF, TDA2LF
www.ti.com
SPRS951F – DECEMBER 2015 – REVISED MAY 2019
Submit Documentation Feedback
Product Folder Links: TDA2SX TDA2SG TDA2SA TDA2HG TDA2HV TDA2HF TDA2LF
Terminal Configuration and Functions
Copyright © 2015–2019, Texas Instruments Incorporated
Table 4-15. Universal Serial Bus Signal Descriptions (continued)
SIGNAL NAME
DESCRIPTION
TYPE
BALL
usb4_ulpi_dir
USB4 - ULPI bus direction
I
V7
usb4_ulpi_stp
USB4 - ULPI stop
O
V9
usb4_ulpi_clk
USB4 - ULPI functional clock
I
W9
4.4.13 SATA
NOTE
For more information, see the Serial Communication Interfaces / SATA section of the device
TRM.
Table 4-16. SATA Signal Descriptions
SIGNAL NAME
DESCRIPTION
TYPE
BALL
sata1_rxn0
SATA differential negative receiver lane 0
IDS
AH9
sata1_rxp0
SATA differential positive receiver lane 0
IDS
AG9
sata1_txn0
SATA differential negative transmitter lane 0
ODS
AG10
sata1_txp0
SATA differential positive transmitter lane 0
ODS
AH10
sata1_led
SATA channel activity indicator
O
A22 / G19
4.4.14 Peripheral Component Interconnect Express (PCIe)
NOTE
For more information, see the Serial Communication Interfaces / PCIe section of the device
TRM.
Table 4-17. PCIe Signal Descriptions
SIGNAL NAME
DESCRIPTION
TYPE
BALL
pcie_rxn0
PCIe1_PHY_RX Receive Data Lane 0 (negative) - mapped to PCIe_SS1
only.
IDS
AG13
pcie_rxp0
PCIe1_PHY_RX Receive Data Lane 0 (positive) - mapped to PCIe_SS1
only.
IDS
AH13
pcie_txn0
PCIe1_PHY_TX Transmit Data Lane 0 (negative) - mapped to PCIe_SS1
only.
ODS
AG14
pcie_txp0
PCIe1_PHY_TX Transmit Data Lane 0 (positive) - mapped to PCIe_SS1
only.
ODS
AH14
pcie_rxn1
PCIe2_PHY_RX Receive Data Lane 1 (negative) - mapped to either
PCIe_SS1 (dual lane- mode) or PCIe_SS2 (single lane- mode)
IDS
AG11
pcie_rxp1
PCIe2_PHY_RX Receive Data Lane 1 (positive) - mapped to either
PCIe_SS1 (dual lane- mode) or PCIe_SS2 (single lane- mode)
IDS
AH11
pcie_txn1
PCIe2_PHY_TX Transmit Data Lane 1 (negative) - mapped to either
PCIe_SS1 (dual lane- mode) or PCIe_SS2 (single lane- mode)
ODS
AG12
pcie_txp1
PCIe2_PHY_TX Transmit Data Lane 1 (positive) - mapped to either
PCIe_SS1 (dual lane- mode) or PCIe_SS2 (single lane- mode)
ODS
AH12
ljcb_clkp
PCIe1_PHY shared Reference Clock Input / Output Differential Pair
(positive)
IODS
AG15
ljcb_clkn
PCIe1_PHY shared Reference Clock Input / Output Differential Pair
(negative)
IODS
AH15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com