Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LLCC68 Datasheet(PDF) 34 Page - Semtech Corporation

Part # LLCC68
Description  Long Range, Low Power, sub-GHz RF Transceiver
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

LLCC68 Datasheet(HTML) 34 Page - Semtech Corporation

Back Button LLCC68 Datasheet HTML 30Page - Semtech Corporation LLCC68 Datasheet HTML 31Page - Semtech Corporation LLCC68 Datasheet HTML 32Page - Semtech Corporation LLCC68 Datasheet HTML 33Page - Semtech Corporation LLCC68 Datasheet HTML 34Page - Semtech Corporation LLCC68 Datasheet HTML 35Page - Semtech Corporation LLCC68 Datasheet HTML 36Page - Semtech Corporation LLCC68 Datasheet HTML 37Page - Semtech Corporation LLCC68 Datasheet HTML 38Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 111 page
background image
LLCC68
Data Sheet
Rev. 1.1
DS.LLCC68.W.APP
Dec 2024
34 of 111
Semtech
LLCC68
www.semtech.com
6. Modems
The LLCC68 contains different modems capable of handling LoRa and FSK modulations. LoRa and FSK are associated with their own frame
and modem.
• LoRa modem  LoRa Frame
• FSK modem  FSK Frame
The user specifies the modem and frame type by using the command SetPacketType(...). This command specifies the frame used and
consequently the modem implemented.
This function is the first one to be called before going to Rx or Tx and before defining frequency, modulation and packet parameters. The
command GetPacketType() returns the current protocol of the radio.
The LLCC68 does not have a packet handler dedicated to LR-FHSS modulation. It provides the relevant modulation and frequency hopping
capability.
GMSK is supported by the modems. and is treated as a special case of (G)FSK where fdev=br/4.
6.1 LoRa® Modem
The LoRa modem uses spread spectrum modulation and forward error correction techniques to increase the range and robustness of radio
communication links compared to traditional FSK based modulation.
An important facet of the LoRa modem is its increased immunity to interference. The LoRa modem is capable of co-channel GMSK rejection
of up to 16dB. This immunity to interference permits the simple coexistence of LoRa modulated systems either in bands of heavy spectral
usage or in hybrid communication networks that use LoRa to extend range when legacy modulation schemes fail.
6.1.1 Modulation Parameter
It is possible to optimize the LoRa modulation for a given application, access is given to the designer to four critical design parameters, each
one permitting a trade-off between the link budget, immunity to interference, spectral occupancy and nominal data rate. These parameters
are set using command SetModulationParams(...) which must be called after SetPacketType(...):
• Modulation BandWidth (BW_L)
• Spreading Factor (SF)
• Coding Rate (CR)
• Low Data Rate Optimization (LDRO)
6.1.1.1 Spreading Factor
The spread spectrum LoRa modulation is performed by representing each bit of payload information by multiple chips of information. The
rate at which the spread information is sent is referred to as the symbol rate (Rs). The ratio between the nominal symbol rate and chip rate
is the spreading factor and it represents the number of symbols sent per bit of information.
SF5 and SF6 Considerations
Two spreading factors, SF5 and SF6, have been modified slightly in the LLCC68 and can now operate in both implicit and explicit mode.
However, these new spreading factors are incompatible with previous generation devices, in particular SF6 on the LLCC68 is
not backward
compatible with SF6 on the SX1276. Furthermore, due to the higher symbol rate, the minimum recommended preamble length needed to
ensure correct detection and demodulation from the receiver is increased compared to other Spreading Factors. For SF5 and SF6, you
should use 12 symbols of preamble to have optimal performances over the dynamic range or the receiver.
Note: The spreading factor must be known in advance on both transmit and receive sides of the link as different spreading factors
are orthogonal to each other. Note also the resulting Signal to Noise Ratio (SNR) required at the receiver input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com