Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LLCC68 Datasheet(PDF) 70 Page - Semtech Corporation

Part # LLCC68
Description  Long Range, Low Power, sub-GHz RF Transceiver
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

LLCC68 Datasheet(HTML) 70 Page - Semtech Corporation

Back Button LLCC68 Datasheet HTML 66Page - Semtech Corporation LLCC68 Datasheet HTML 67Page - Semtech Corporation LLCC68 Datasheet HTML 68Page - Semtech Corporation LLCC68 Datasheet HTML 69Page - Semtech Corporation LLCC68 Datasheet HTML 70Page - Semtech Corporation LLCC68 Datasheet HTML 71Page - Semtech Corporation LLCC68 Datasheet HTML 72Page - Semtech Corporation LLCC68 Datasheet HTML 73Page - Semtech Corporation LLCC68 Datasheet HTML 74Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 111 page
background image
LLCC68
Data Sheet
Rev. 1.1
DS.LLCC68.W.APP
Dec 2024
70 of 111
Semtech
LLCC68
www.semtech.com
13.1.6 StopTimerOnPreamble
The command StopTimerOnPreamble(...) allows the user to select if the timer is stopped upon preamble detection of
Sync Word / header detection.
The enable byte definition is given in the following table.
By default, the timer is stopped only when the Sync Word (in GFSK) or Header (in LoRa) has been detected. When the function
StopTimerOnPreamble(...)
is used with the value enable at 0x01, then the timer stops upon preamble detection and the device stays
in RX mode until a packet is received. It is important to notice that stopping the timer upon preamble may cause the device to stay in Rx for
an unexpected long period of time in case of false detection.
Figure 13-1: Stopping Timer on Preamble or Header Detection
Table 13-10: StopTimerOnPreamble SPI Transaction
Byte
0
1
Data from host
Opcode = 0x9F
StopOnPreambleParam
Table 13-11: StopOnPreambleParam Definition
StopOnPreambleParam
Value
Description
disable
0x00
Timer is stopped upon Sync Word or Header detection
enable
0x01
Timer is stopped upon preamble detection
time
Radio Current
timeout
Radio in RX mode
Radio in STDBY_RC
Radio in STDBY_RC
Preamble Detected
Or
SyncWord / Header Detected
Radio in RX mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com