Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LLCC68 Datasheet(PDF) 40 Page - Semtech Corporation

Part # LLCC68
Description  Long Range, Low Power, sub-GHz RF Transceiver
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

LLCC68 Datasheet(HTML) 40 Page - Semtech Corporation

Back Button LLCC68 Datasheet HTML 36Page - Semtech Corporation LLCC68 Datasheet HTML 37Page - Semtech Corporation LLCC68 Datasheet HTML 38Page - Semtech Corporation LLCC68 Datasheet HTML 39Page - Semtech Corporation LLCC68 Datasheet HTML 40Page - Semtech Corporation LLCC68 Datasheet HTML 41Page - Semtech Corporation LLCC68 Datasheet HTML 42Page - Semtech Corporation LLCC68 Datasheet HTML 43Page - Semtech Corporation LLCC68 Datasheet HTML 44Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 111 page
background image
LLCC68
Data Sheet
Rev. 1.1
DS.LLCC68.W.APP
Dec 2024
40 of 111
Semtech
LLCC68
www.semtech.com
The bandwidth must be chosen so that
Bandwidth[DSB] ≥ BR + 2*frequency deviation + frequency error
where the frequency error is two times the crystal frequency error used.
The LLCC68 offers several pulse shaping options defined by the parameter PulseShape. If other unspecified values are given as parameters,
then no filtering is used.
BW46
0x14
46.9
BW58
0x0C
58.6
BW78
0x1B
78.2
BW93
0x13
93.8
BW117
0x0B
117.3
BW156
0x1A
156.2
BW187
0x12
187.2
BW234
0x0A
234.3
BW312
0x19
312.0
BW373
0x11
373.6
BW467
0x09
467.0
BW1000
0x08
1000.01
1. BW1000 requires additional settings, as follows:
read register value at address 0x0805, and or the value with 0x7 before re-writing it at address 0x0805
read register value at address 0x0806 and or the value with 0x32 before re-writing it at address 0x0806
write value 0x01 at register address 0x0818
write value 0xFA at register address 0x088F
write value 0xAA at register address 0x0890
write value 0xAC at register address 0x0891
Table 6-5: Bandwidth Definition in FSK Packet Type (Sheet 2 of 2)
BW
Value
Bandwidth [kHz DSB]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com