Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LLCC68 Datasheet(PDF) 38 Page - Semtech Corporation

Part # LLCC68
Description  Long Range, Low Power, sub-GHz RF Transceiver
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

LLCC68 Datasheet(HTML) 38 Page - Semtech Corporation

Back Button LLCC68 Datasheet HTML 34Page - Semtech Corporation LLCC68 Datasheet HTML 35Page - Semtech Corporation LLCC68 Datasheet HTML 36Page - Semtech Corporation LLCC68 Datasheet HTML 37Page - Semtech Corporation LLCC68 Datasheet HTML 38Page - Semtech Corporation LLCC68 Datasheet HTML 39Page - Semtech Corporation LLCC68 Datasheet HTML 40Page - Semtech Corporation LLCC68 Datasheet HTML 41Page - Semtech Corporation LLCC68 Datasheet HTML 42Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 111 page
background image
LLCC68
Data Sheet
Rev. 1.1
DS.LLCC68.W.APP
Dec 2024
38 of 111
Semtech
LLCC68
www.semtech.com
The RSSI gain can be calibrated using the registers described in Table 6-4. By default, the chip is calibrated for the 868-915MHz band on the
LLCC68 EVK.
Gain Tune and Gain Offset values can be determined using an RF generator with the LLCC68 hardware implementation as follows:
1. Setup the device in GFSK mode and set the desired RF frequency.
2. Setup the device in manual gain mode (disable the AGC (Auto Gain Control)).
3. Use SetRssiCalibration API to set all tunes and offsets to 0.
4. Loop through all the different gains, including LNA boost mode (high power mode):
a. Use the generator to emit a continuous tone at a specific output power gen_pwr (gain dependent), and account for all cable
losses. A direct connection is recommended.
b. Read the instantaneous RSSI (rssi_inst).
c. Calculate the rssi_error = rssi_inst - gen_pwr.
d. Log the rssi_error in a file.
5. Find the common offset between all errors, and use it as the new global offset.
6. Find the individual errors (relative to the new global offset) and use them as the tunes.
7. Write the RSSI Calibration register values, and go though the main loop again to check that the instantaneous RSSI is now calibrated.
Table 6-4: Registers and Values
Name
Address
Bits
EVK
470-490MHz Band
EVK
868-915MHz Band
Data
Data
AgcRssiMeasCalH
0x89c
4:0
0x01
0x01
AgcRssiMeasCalL
0x89d
7:0
0x27
0x53
AgcGainTune_1_2
0x8f5
7:4
0xD
0x0
AgcGainTune_1_2
0x8f5
3:0
0xE
0x0
AgcGainTune_3_4
0x8f6
7:4
0xE
0x0
AgcGainTune_3_4
0x8f6
3:0
0x2
0x0
AgcGainTune_5_6
0x8f7
7:4
0x3
0x0
AgcGainTune_5_6
0x8f7
3:0
0x2
0x0
AgcGainTune_7_8
0x8f8
7:4
0x4
0x0
AgcGainTune_7_8
0x8f8
3:0
0x4
0x0
AgcGainTune_9_10
0x8f9
7:4
0x3
0x0
AgcGainTune_9_10
0x8f9
3:0
0x3
0x0
AgcGainTune_11_12
0x8fa
7:4
0x3
0x0
AgcGainTune_11_12
0x8fa
3:0
0x4
0x0
AgcGainTune_13
0x8fb
3:0
0x4
0x0
AgcGforstPowthr
0x8b9
7:0
0x4
0xA
AgcSensiAdjust
0x8ac
7:2
0x22
0x25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com