Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LLCC68 Datasheet(PDF) 42 Page - Semtech Corporation

Part # LLCC68
Description  Long Range, Low Power, sub-GHz RF Transceiver
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

LLCC68 Datasheet(HTML) 42 Page - Semtech Corporation

Back Button LLCC68 Datasheet HTML 38Page - Semtech Corporation LLCC68 Datasheet HTML 39Page - Semtech Corporation LLCC68 Datasheet HTML 40Page - Semtech Corporation LLCC68 Datasheet HTML 41Page - Semtech Corporation LLCC68 Datasheet HTML 42Page - Semtech Corporation LLCC68 Datasheet HTML 43Page - Semtech Corporation LLCC68 Datasheet HTML 44Page - Semtech Corporation LLCC68 Datasheet HTML 45Page - Semtech Corporation LLCC68 Datasheet HTML 46Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 111 page
background image
LLCC68
Data Sheet
Rev. 1.1
DS.LLCC68.W.APP
Dec 2024
42 of 111
Semtech
LLCC68
www.semtech.com
6.2.3 FSK Packet Format
The FSK packet format provides a conventional packet format for application in proprietary NRZ coded, low energy communication links.
The packet format has built in facilities for CRC checking of the payload, dynamic payload size and packet acknowledgement. Optionally
whitening based upon pseudo random number generation can be enabled. Two principle packet formats are available in the FSK protocol:
fixed length and variable length packets.
6.2.3.1 Fixed-Length Packet
If the packet length is fixed and known on both sides of the link then knowledge of the packet length does not need to be transmitted over
the air. Instead the packet length can be written to the parameter packetLength which determines the packet length in bytes (0 to 255, but
limited to 254 when the address filtering is activated, see Table 13-56).
Figure 6-3: Fixed-Length Packet Format
The preamble length is set from 8 to 65535 bits using the parameter PreambleLen.
It is usually recommended to use a minimum of 16 bits
for the preamble to guarantee a valid reception of the packet on the receiver side. The CRC operation, packet length and preamble length
are defined using the command SetPacketParams(...) as defined in Section 11. "List of Commands" on page 61 .
6.2.3.2 Variable-Length Packet
Where the packet is of uncertain or variable size, then information about the packet length (0 to 255 bytes, but limited to 254 bytes when
the address filtering is activated, see Table 13-56) must be transmitted within the packet. The format of the variable-length packet is shown
below.
Figure 6-4: Variable-Length Packet Format
6.2.3.3 Setting the Packet Length or Node Address
The packet length and Node or Broadcast address are not considered part of the payload and they are added automatically in hardware.
The packet length is added automatically in the packet when the packetType field is set to variable size in the command
SetPacketParam(...).
The node or broadcast address can be enabled by using the AddrComp field is in the command SetPacketParam(...). This field allow
the user to enable and select an additional packet filtering at the payload level.
CRC Checksum
Whitening
Preamble
8 to 65535
bits
Sync Word
0 to 8 bytes
Payload
1 to 255 bytes
CRC
0, 1 or 2 bytes
Address
0 to 1 byte
CRC Checksum
Whitening
Address
0 to 1
byte
Payload
0 to 255 bytes
CRC
0, 1 or 2 bytes
Preamble
8 to 65535
bits
Sync Word
0 to 8 bytes
Length
1 byte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com