Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LLCC68 Datasheet(PDF) 44 Page - Semtech Corporation

Part # LLCC68
Description  Long Range, Low Power, sub-GHz RF Transceiver
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

LLCC68 Datasheet(HTML) 44 Page - Semtech Corporation

Back Button LLCC68 Datasheet HTML 40Page - Semtech Corporation LLCC68 Datasheet HTML 41Page - Semtech Corporation LLCC68 Datasheet HTML 42Page - Semtech Corporation LLCC68 Datasheet HTML 43Page - Semtech Corporation LLCC68 Datasheet HTML 44Page - Semtech Corporation LLCC68 Datasheet HTML 45Page - Semtech Corporation LLCC68 Datasheet HTML 46Page - Semtech Corporation LLCC68 Datasheet HTML 47Page - Semtech Corporation LLCC68 Datasheet HTML 48Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 111 page
background image
LLCC68
Data Sheet
Rev. 1.1
DS.LLCC68.W.APP
Dec 2024
44 of 111
Semtech
LLCC68
www.semtech.com
6.2.3.5 CRC
The LLCC68 offers full flexibility to select the polynomial and initial value of the selected polynomial. In additions, the user can also select a
complete inversion of the computed CRC to comply with some international standards.
The CRC can be enabled and configured by using the CRCType field in the command SetPacketParam(...). This field allows the user to
enable and select the length and configuration of the CRC.
The CRC selected must be modified together with the CRC initial value and CRC polynomial.
This flexibility permits the user to select any standard CRC or to use his own CRC allowing a specific detection of a given packet. Examples:
To use the IBM CRC configuration, the user must select:
• 0x8005 for the CRC polynomial
• 0xFFFF for the initial value
• CRC_2_BYTE for the field CRCType in the command SetPacketParam(...).
For the CCIT CRC configuration the user must select:
• 0x1021 for the CRC polynomial
• 0x1D0F for the initial value
• CRC_2_BYTE_INV for the field CRCType in the command SetPacketParam(...)
Table 6-7: CRC Type Configuration
CRCType
Description
0x01
CRC_OFF (No CRC)
0x00
CRC_1_BYTE (CRC computed on 1 byte)
0x02
CRC_2_BYTE (CRC computed on 2 bytes)
0x04
CRC_1_BYTE_INV (CRC computed on 1 byte and inverted)
0x06
CRC_2_BYTE_INV (CRC computed on 2 bytes and inverted)
Table 6-8: CRC Initial Value
Register Address
Default Value
CRC MSB Initial Value [15:8]
0x06BC
0x1D
CRC LSB Initial Value [7:0]
0x06BD
0x0F
Table 6-9: CRC Polynomial
Register Address
Default Value
CRC MSB Polynomial Value [15:8]
0x06BE
0x10
CRC LSB Polynomial Value [7:0]
0x06BF
0x21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com