Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFE10004RGETEP Datasheet(PDF) 31 Page - Texas Instruments

Part # AFE10004RGETEP
Description  AFE10004-EP 4-Channel Power-Amplifier Precision Analog Front End With Integrated EEPROM and Gate Bias Switches
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AFE10004RGETEP Datasheet(HTML) 31 Page - Texas Instruments

Back Button AFE10004RGETEP Datasheet HTML 27Page - Texas Instruments AFE10004RGETEP Datasheet HTML 28Page - Texas Instruments AFE10004RGETEP Datasheet HTML 29Page - Texas Instruments AFE10004RGETEP Datasheet HTML 30Page - Texas Instruments AFE10004RGETEP Datasheet HTML 31Page - Texas Instruments AFE10004RGETEP Datasheet HTML 32Page - Texas Instruments AFE10004RGETEP Datasheet HTML 33Page - Texas Instruments AFE10004RGETEP Datasheet HTML 34Page - Texas Instruments AFE10004RGETEP Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 159 page
background image
6.3.4 Look-Up Table (LUT) and Arithmetic-Logic Unit (ALU)
Four independent LUTs are used to create arbitrary transfer functions that map temperature to the DAC[0:3]
analog outputs of the device. In concept, temperature is used as a pointer to a table of discrete values that are
representative of the samples of the desired temperature-dependent function.
To minimize storage requirements, the device LUTs are indexed in 4°C increments. Also, the stored values are
only the increments, or first derivatives (Δ), of the modeled transfer function. The internal ALU reconstructs the
original transfer function by integrating the coefficients stored in the LUTs. The errors caused by the coarseness
of the temperature quantization are significantly reduced through the use of linear interpolation, which is also
implemented in the ALU.
Consider the example in Figure 6-8. The top graph shows the target output versus temperature. VDACx is a
smooth, monotonic function with ideally infinite precision. The LUT stores only the increments, or the rise, within
each 4°C interval.
VDACx
Temperature
VDACx
BASE
BASELINE
4°C
4
4
LUT Index
24°C
1
2
3
4
4°C
Figure 6-8. Transfer Function
To recreate the original transfer function, the series of increments must be summed together and added to the
constant BASE value. BASE represents the constant offset that is lost as a result of differentiation; that is, the
storage of the increments only. This process must also be referenced to the common temperature point. This
reference temperature is referred to as the BASELINE, and is fixed to 24°C.
www.ti.com
AFE10004-EP
SLASFM1A – JUNE 2025 – REVISED DECEMBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
31
Product Folder Links: AFE10004-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com