Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFE10004RGETEP Datasheet(PDF) 43 Page - Texas Instruments

Part # AFE10004RGETEP
Description  AFE10004-EP 4-Channel Power-Amplifier Precision Analog Front End With Integrated EEPROM and Gate Bias Switches
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AFE10004RGETEP Datasheet(HTML) 43 Page - Texas Instruments

Back Button AFE10004RGETEP Datasheet HTML 39Page - Texas Instruments AFE10004RGETEP Datasheet HTML 40Page - Texas Instruments AFE10004RGETEP Datasheet HTML 41Page - Texas Instruments AFE10004RGETEP Datasheet HTML 42Page - Texas Instruments AFE10004RGETEP Datasheet HTML 43Page - Texas Instruments AFE10004RGETEP Datasheet HTML 44Page - Texas Instruments AFE10004RGETEP Datasheet HTML 45Page - Texas Instruments AFE10004RGETEP Datasheet HTML 46Page - Texas Instruments AFE10004RGETEP Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 159 page
background image
6.4 Device Functional Modes
The simplified numeric signal path for a DAC and CLAMP channels is shown in Figure 6-16. The temperature
sensor serves as the input to the system. Signal processing is done by the LUT and ALU, and the output is
driven to the DAC. The CLAMP input code upper eight bits (CLAMP[12:5]) are automatically controlled so that
these bits never exceed the upper eight bits of the code being input to the associated DACs (CLAMP1: DAC[0:1]
and CLAMP2: DAC[2:3]). The DAC and CLAMP details are omitted because the DAC and CLAMP provide a
conversion from numeric domain to voltage domain only, and do not affect the signal flow.
LUT1
DACxPOL
ALU
0
1
S
[12:6]
[5:0]
13
13
0
1
S
13
LUTSELx
0 S
12
12
LT[11:0]
DACxLUT[12:0]
12
Remot e
Temp. Sensor
Local
Temp. Sensor
1
12
RT[11:0]
TMPOW
0 S
12
1
12
TMPOW[11:0]
BYPx
DACxOW[12:0]
DACxOW
13
13
DACx_BASE[12:0]
13
DACx
DACx[12:0]
CLMxOW[12:0]
13
13
CLAMPx
CLMx[12:0]
8
8
CLMxOW[12:5]
CLMxOW[4:0]
8
5
min
Figure 6-16. Data Path
6.4.1 Autonomous Operating Mode
Unless a different configuration has been burned in the EEPROM, autonomous operation is active upon start-up.
By default, the temperature sensor is active (TMPSD = 0) and the LUT and both temperature sensors are
enabled (LUTDIS = 0, REN = 1 and LEN = 1). Also by default, the temperature overwrite (TMPOW) and DAC
overwrite (DACxOW) bits are cleared.
In autonomous mode, the device begins temperature measurements at start-up. Each temperature sensor
update triggers the ALU to recalculate the output using the user-defined coefficients, polarity, and BASE value
stored in the LUT pages. The ALU output is passed on to the DAC LUT register that ultimately drives the DAC
input.
The device remains in autonomous operation unless the data path is overwritten, the LUT is disabled (LUTDIS =
1), or the temperature sensor is powered down (TMPSD = 1). If the LUT is disabled or the temperature sensor
is powered down, the DAC output remains at the last calculated value. The device automatically returns to
autonomous operation after being reconfigured properly.
6.4.2 Manual Operating Mode
There are a number of multiplexers in the signal path that alter the data flow when the respective control bits are
set. The multiplexer states that set the various modes of manual operation are described in further detail in the
following subsections.
6.4.2.1 DAC Input Overwrite
The DAC inputs words can be directly written through the serial interface. In this mode, the device operates
as a multichannel, 13-bit DAC. This functionality is facilitated by the multiplexers that precede the DACs, and
user-writable DAC overwrite data registers (DACxOW[12:0]). The multiplexer control signal is the DAC overwrite
bit (DACxOW). Although not required by the device, set the LUTDIS bit to optionally disable the LUT and ALU.
www.ti.com
AFE10004-EP
SLASFM1A – JUNE 2025 – REVISED DECEMBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
43
Product Folder Links: AFE10004-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com