Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFE10004RGETEP Datasheet(PDF) 8 Page - Texas Instruments

Part # AFE10004RGETEP
Description  AFE10004-EP 4-Channel Power-Amplifier Precision Analog Front End With Integrated EEPROM and Gate Bias Switches
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AFE10004RGETEP Datasheet(HTML) 8 Page - Texas Instruments

Back Button AFE10004RGETEP Datasheet HTML 4Page - Texas Instruments AFE10004RGETEP Datasheet HTML 5Page - Texas Instruments AFE10004RGETEP Datasheet HTML 6Page - Texas Instruments AFE10004RGETEP Datasheet HTML 7Page - Texas Instruments AFE10004RGETEP Datasheet HTML 8Page - Texas Instruments AFE10004RGETEP Datasheet HTML 9Page - Texas Instruments AFE10004RGETEP Datasheet HTML 10Page - Texas Instruments AFE10004RGETEP Datasheet HTML 11Page - Texas Instruments AFE10004RGETEP Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 159 page
background image
5.5 Electrical Characteristics (continued)
all minimum and maximum specifications at TJ = –55℃ to +125℃ and all typical specifications at TJ = 25℃, VDD = 4.5V to
5.5V, VIO = 1.65V to 3.6V, positive output range: VCC = 4.5V to 5.5V, VSS = GND, negative output range: VSS = –11V to –4.5V,
VCC = GND, and DAC outputs unloaded (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
LOCAL TEMPERATURE SENSOR CHARACTERISTICS
Operating junction temperature
–55
150
°C
Accuracy
TJ = –55°C to +125°C
1.25
2.5
°C
Resolution
LSB size
0.0625
°C
Update time
32 conversions per second
31.25
ms
REMOTE TEMPERATURE SENSOR CHARACTERISTICS (Using 2N3906 Transistor)
Operating junction temperature
–55
150
°C
Accuracy
TDIODE = –55°C to +150°C
1.25
2.5
°C
Resolution
LSB size
0.0625
°C
Update time
32 conversions per second
31.25
ms
DIGITAL INPUTS
VIH
High-level input voltage
1.3
V
VIL
Low-level input voltage
0.45
V
Hysteresis voltage
90
mV
Input current
1
µA
Input pin capacitance
5
pF
DIGITAL OUTPUTS
VOH
High-level output voltage
Load current = 1mA
VIO – 0.2
V
VOL
Low-level output voltage
Load current= –1mA
0.4
V
Output pin capacitance
5
pF
POWER REQUIREMENTS
IVDD
VDD supply current
Positive output range
5
mA
Negative output range
5
IVCC
VCC supply current
Positive output range, midscale output
3
mA
IVSS
VSS supply current
Negative output range, 1/4 of full-scale
output
3
mA
IVIO
VIO supply current
10
µA
(1)
End point fit between codes 64 to 8128 for negative output range and 64 to 4032 for positive output range.
(2)
Overload condition protection. Junction temperature potentially exceeds during current limit. Operation greater than the specified
maximum junction temperature potentially impairs device reliability.
AFE10004-EP
SLASFM1A – JUNE 2025 – REVISED DECEMBER 2025
www.ti.com
8
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: AFE10004-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com