Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFE10004RGETEP Datasheet(PDF) 83 Page - Texas Instruments

Part # AFE10004RGETEP
Description  AFE10004-EP 4-Channel Power-Amplifier Precision Analog Front End With Integrated EEPROM and Gate Bias Switches
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AFE10004RGETEP Datasheet(HTML) 83 Page - Texas Instruments

Back Button AFE10004RGETEP Datasheet HTML 79Page - Texas Instruments AFE10004RGETEP Datasheet HTML 80Page - Texas Instruments AFE10004RGETEP Datasheet HTML 81Page - Texas Instruments AFE10004RGETEP Datasheet HTML 82Page - Texas Instruments AFE10004RGETEP Datasheet HTML 83Page - Texas Instruments AFE10004RGETEP Datasheet HTML 84Page - Texas Instruments AFE10004RGETEP Datasheet HTML 85Page - Texas Instruments AFE10004RGETEP Datasheet HTML 86Page - Texas Instruments AFE10004RGETEP Datasheet HTML 87Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 159 page
background image
7.3.1.1.30 Temperature Overwrite High Byte Register (offset = 22h) [reset = 00h]
Figure 7-30. Temperature Overwrite High Byte Register
7
6
5
4
3
2
1
0
TEMPOW[11:4]
R/W-0h
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 7-44. Temperature Overwrite High Byte Register Field Descriptions
Bit
Field
Type
Reset
Description
7:0
TEMPOW[11:4]
R/W
0h
Temperature sensor overwrite value high byte. Format denoted
by the TMPRANGE bit.
7.3.1.1.31 Temperature Overwrite Low Byte Register (offset = 23h) [reset = 00h]
Figure 7-31. Temperature Overwrite Low Byte Register
7
6
5
4
3
2
1
0
TEMPOW[3:0]
RESERVED
TEMPOW
R/W-0h
R-0h
R/W-0h
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 7-45. Temperature Overwrite Low Byte Register Field Descriptions
Bit
Field
Type
Reset
Description
7:4
TEMPOW[3:0]
R/W
0h
Temperature sensor overwrite value low byte. Format denoted
by the TMPRANGE bit.
0
TEMPOW
R/W
0h
Temperature sensor overwrite control
0 = The temperature sensor outputs are used to index the LUT.
1 = The serial interface accessible TEMPOW[11:0] data register
is used to index the LUT.
www.ti.com
AFE10004-EP
SLASFM1A – JUNE 2025 – REVISED DECEMBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
83
Product Folder Links: AFE10004-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com