Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFE10004RGETEP Datasheet(PDF) 49 Page - Texas Instruments

Part # AFE10004RGETEP
Description  AFE10004-EP 4-Channel Power-Amplifier Precision Analog Front End With Integrated EEPROM and Gate Bias Switches
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AFE10004RGETEP Datasheet(HTML) 49 Page - Texas Instruments

Back Button AFE10004RGETEP Datasheet HTML 45Page - Texas Instruments AFE10004RGETEP Datasheet HTML 46Page - Texas Instruments AFE10004RGETEP Datasheet HTML 47Page - Texas Instruments AFE10004RGETEP Datasheet HTML 48Page - Texas Instruments AFE10004RGETEP Datasheet HTML 49Page - Texas Instruments AFE10004RGETEP Datasheet HTML 50Page - Texas Instruments AFE10004RGETEP Datasheet HTML 51Page - Texas Instruments AFE10004RGETEP Datasheet HTML 52Page - Texas Instruments AFE10004RGETEP Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 159 page
background image
Terminate read operations by issuing a not-acknowledge condition at the end of the last byte to be read. Figure
6-22 shows that for single-byte operation, the controller must leave the SDA line high during the acknowledge
time of the first byte that is read from the target.
S
Target Address
W
Sr
A
A
RegAddr[7:0]
Target Address
R
A
Data[7:0]
A
P
From Controller to Target
From Target to Cntroller
Figure 6-22. I2C Single-Byte Read Access Protocol
Block access functionality is provided to minimize the transfer overhead of large data sets. Block access enables
multibyte transfers and is configured by setting bit 7 of the register address high. Figure 6-23 and Figure 6-24
show that until the transaction is terminated by the STOP condition, the device reads and writes the subsequent
memory locations. If the controller reaches address 0x7E in a page, the device continues reading and writing
from this address until the transaction is terminated.
S
Target Address
W
A
A
RegAddr[6:0]
Data[7:0]
P
From Controller to Target
From Target to Controller
A
Data[7:0]
A
Data[7:0]
A
Address of the First Register of
the contiguous memory block
Data to First Register
N bytes of data to
contiguous memory
locations following
First Register
B
Figure 6-23. I2C Block Write Access
S
Target Address
W
Sr
A
A
RegAddr[6:0]
Target Address
R
A
Data[7:0]
A
P
From Controller to Target
From Target to Controller
A
Data[7:0]
A
Data[7:0]
Address of the First Register of
the contiguous memory block
Data to First Register
N bytes of data to
contiguous memory
locations following
First Register
B
Figure 6-24. I2C Block Read Access
6.5.1.5 I2C Timeout Function
The device resets the serial interface if either SCL or SDA are held low for 25ms (typical) between a START
and STOP condition. If the device is holding the bus low, the device releases the bus and waits for a START
condition. To avoid activating the timeout function, maintain a communication speed of at least 1kHz for the SCL
operating frequency.
6.5.1.6 I2C General-Call Reset
The device supports reset using the two-wire general call address 00h (0000 0000b). The device acknowledges
the general-call address, and responds to the second byte. If the second byte is 06h (0000 0110b), the device
executes a software reset. This software reset initiates a reset event. The device takes no action in response to
other values in the second byte.
www.ti.com
AFE10004-EP
SLASFM1A – JUNE 2025 – REVISED DECEMBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
49
Product Folder Links: AFE10004-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com