Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFE10004RGETEP Datasheet(PDF) 52 Page - Texas Instruments

Part # AFE10004RGETEP
Description  AFE10004-EP 4-Channel Power-Amplifier Precision Analog Front End With Integrated EEPROM and Gate Bias Switches
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AFE10004RGETEP Datasheet(HTML) 52 Page - Texas Instruments

Back Button AFE10004RGETEP Datasheet HTML 48Page - Texas Instruments AFE10004RGETEP Datasheet HTML 49Page - Texas Instruments AFE10004RGETEP Datasheet HTML 50Page - Texas Instruments AFE10004RGETEP Datasheet HTML 51Page - Texas Instruments AFE10004RGETEP Datasheet HTML 52Page - Texas Instruments AFE10004RGETEP Datasheet HTML 53Page - Texas Instruments AFE10004RGETEP Datasheet HTML 54Page - Texas Instruments AFE10004RGETEP Datasheet HTML 55Page - Texas Instruments AFE10004RGETEP Datasheet HTML 56Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 159 page
background image
7 Register Maps
7.1 I2C Register Maps
Table 7-1. I2C Page 1: Device Configuration Register Map
ADDR
(HEX)
TYPE
FACTORY
(HEX)
BIT DESCRIPTION (Shaded Bits are not Stored in EEPROM)
REGISTER DESCRIPTION
7
6
5
4
3
2
1
0
00
R
N/A
LT[11:4]
Local temperature (high byte)
01
R
N/A
LT[3:0]
0
0
0
0
Local temperature (low byte)
02
R
N/A
RT[11:4]
Remote temperature (high byte)
03
R
N/A
RT[3:0]
0
0
0
0
Remote temperature (low byte)
04
R
N/A
BUSY
LHIGH
LLOW
RHIGH
RLOW
OPEN
X
X
Temperature status
05
R
N/A
TMPSTAT
PAON
EECRC
X
EERDY
DED
SEC
GAN
AMC status
07
W
00
SOFTRST[7:0]
Software reset
08
R/W
01
X
TMPSD
ALERT/THERM
VSSRANGE
DACILMT
TMPRANGE
TMRCNT[1:0]
Configuration 1
09
R/W
08
X
X
HAMMOFF
X
CR[3:0]
Configuration 2
0A
R/W
03
X
X
LUTSTAT
LUTDIS
LUTSEL2
LUTSEL1
REN
LEN
LUT Configuration
0B
R/W
00
BYP3
BYP2
BYP1
BYP0
DAC3OW
DAC2OW
DAC1OW
DAC0OW
DAC overwrite enable
0C
R/W
00
X
X
DRVEN3
DRVEN2
X
X
DRVEN1
DRVEN0
Drive enable
0D
R/W
00
X
X
DRVSEL3
DRVSEL2
X
X
DRVSEL1
DRVSEL0
Drive enable select
0E
R/W
4F
ALMINEN
PAONDIS
X
X
DAC3OFF
OUT2OFF
OUT1OFF
DAC0OFF
Alarm configuration
0F
R/W
00
RESETCMD[1:0]
X
AMCINT
DRVENRLS
PAONRLS
DACHCRLS
DACRLS
Interrupt mode
10
R/W
7F
LTHL[11:4]
Local temperature high limit (high byte)
11
R/W
80
LTLL[11:4]
Local temperature low limit (high byte)
12
R/W
7F
RTHL[11:4]
Remote temperature high limit (high byte)
13
R/W
F0
RTHL[3:0]
X
X
X
X
Remote temperature high limit (low byte)
14
R/W
80
RTLL[11:4]
Remote temperature low limit (high byte)
15
R/W
00
RTLL[3:0]
X
X
X
X
Remote temperature low limit (low byte)
16
R/W
00
RTOS[11:4]
Remote temperature offset (high byte)
17
R/W
00
RTOS[3:0]
X
X
X
X
Remote temperature offset (low byte)
1A
R/W
0A
HYS[11:4]
THERM hysteresis
1B
R/W
01
X
X
X
X
CONAL[2:0]
1
Consecutive ALERT
1C
R/W
00
NC[7:0]
η-factor correction
1D
R/W
00
X
X
X
X
X
X
DF[1:0]
Digital filter control
1E
R
00
VERSION[7:0]
Version ID
1F
R
A3
ID[7:0]
Device ID
22
R/W
00
TMPOW[11:4]
Temperature overwrite (high byte)
23
R/W
00
TMPOW[3:0]
X
X
X
TMPOW
Temperature overwrite (low byte)
24
R
N/A
X
X
X
X
RESETSTA[3:0]
Reset status
28
W
00
TMPONE[7:0]
One-shot temperature
2A
R/W
00
0
0
0
0
0
0
0
SWALM
Software alarm
AFE10004-EP
SLASFM1A – JUNE 2025 – REVISED DECEMBER 2025
www.ti.com
52
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: AFE10004-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com