Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4934 Datasheet(PDF) 18 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4934
Description  3D Audio Sub-System with Stereo Speaker, OCL/SE Stereo Headphone, Earpiece and Mono Line Level Outputs
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4934 Datasheet(HTML) 18 Page - National Semiconductor (TI)

Back Button LM4934 Datasheet HTML 14Page - National Semiconductor (TI) LM4934 Datasheet HTML 15Page - National Semiconductor (TI) LM4934 Datasheet HTML 16Page - National Semiconductor (TI) LM4934 Datasheet HTML 17Page - National Semiconductor (TI) LM4934 Datasheet HTML 18Page - National Semiconductor (TI) LM4934 Datasheet HTML 19Page - National Semiconductor (TI) LM4934 Datasheet HTML 20Page - National Semiconductor (TI) LM4934 Datasheet HTML 21Page - National Semiconductor (TI) LM4934 Datasheet HTML 22Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 39 page
background image
System Controls (Continued)
TABLE 12. Analog Input Amplifier Gain Select
MONO_IN_GAIN_2
ANA_L_GAIN_2
ANA_R_GAIN_2
MONO_IN_GAIN_1
ANA_L_GAIN_1
ANA_R_GAIN_1
MONO_IN_GAIN_0
ANA_L_GAIN_0
ANA_R_GAIN_0
Input Gain Setting
000
–6dB
001
–3dB
010
0dB
011
3dB
100
6dB
101
9dB
1
1
0
12dB
1
1
1
15dB
TABLE 13. DAC Gain Select
DIG_L_GAIN_1
DIG_R_GAIN_1
DIG_L_GAIN_1
DIG_R_GAIN_1
Input Gain Setting
0
0
–3dB
0
1
0dB
1
0
3dB
1
1
6dB
PLL Configuration Registers
PLL M DIVIDER CONFIGURATION REGISTER
This register is used to control the input divider of the PLL.
PLL_M (0Ah) (Set = logic 1, Clear = logic 0)
Bits
Register
Description
6:0
PLL_M
Programs the PLL input divider to select:
PLL_M
Divide Ratio
0
Divider Off
11
2
1.5
32
4
2.5
...
3
→
126
63.5
127
64
NOTES:
The M divider should be set such that the output of the divider is between 0.5 and 5MHz. See the PLL setup section for details.
The divider of the M divider is derived from PLL_M as such:
M = (PLL_M+1) / 2
www.national.com
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com