Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4934 Datasheet(PDF) 25 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4934
Description  3D Audio Sub-System with Stereo Speaker, OCL/SE Stereo Headphone, Earpiece and Mono Line Level Outputs
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4934 Datasheet(HTML) 25 Page - National Semiconductor (TI)

Back Button LM4934 Datasheet HTML 21Page - National Semiconductor (TI) LM4934 Datasheet HTML 22Page - National Semiconductor (TI) LM4934 Datasheet HTML 23Page - National Semiconductor (TI) LM4934 Datasheet HTML 24Page - National Semiconductor (TI) LM4934 Datasheet HTML 25Page - National Semiconductor (TI) LM4934 Datasheet HTML 26Page - National Semiconductor (TI) LM4934 Datasheet HTML 27Page - National Semiconductor (TI) LM4934 Datasheet HTML 28Page - National Semiconductor (TI) LM4934 Datasheet HTML 29Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 39 page
background image
Interface Control Register
This register is used to control the I2S and I
2C compatible interface on the chip.
INTERFACE (0Fh) (Set = logic 1, Clear = logic 0)
Bits
Register
Description
0
I2S_MASTER_SLAVE
If set the LM4934 acts as a master
for I2S, so both I2S clock and I2S
word select are configured as
outputs. If cleared the LM4934 acts
as a slave where both I2S clock and
word select are configured as inputs.
1
I2S_RESOLUTION
If set the I2S resolution is set to 32
bits. If clear, resolution is set to 16
bits. This bit only affects the I2S
Interface in master mode. In slave
mode the I2S Interface can support
any I2S compatible resolution. In
master mode the I2S resolution also
depends on the DAC mode as the
note below explains.
2
I2S_MODE
If set the I2S is configured in left
justified mode timing. If clear, the
I2S interface is configured in normal
I2S mode timing.
3
I2C_FAST
If set enables the I2C to run in fast
mode with an I2C clock up to
3.4MHz. If clear the I2C speed gets
its default value of a maximum of
400kHz
NOTES:
The master I2S format depends on the DAC mode. In USB mode the number of bits per word is 25 (i.e. 2.4MHz for a 48kHz sample rate). The duty cycle is 40/60.
In non-USB modes the format is 32 or 16 bits per word, depending on I2S_RESOLTION and the duty cycle is always 50-50. In slave mode it will decode any I2S
compatible data stream.
201669A9
I2S Mode Timing
www.national.com
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com