Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4934 Datasheet(PDF) 38 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4934
Description  3D Audio Sub-System with Stereo Speaker, OCL/SE Stereo Headphone, Earpiece and Mono Line Level Outputs
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4934 Datasheet(HTML) 38 Page - National Semiconductor (TI)

Back Button LM4934 Datasheet HTML 31Page - National Semiconductor (TI) LM4934 Datasheet HTML 32Page - National Semiconductor (TI) LM4934 Datasheet HTML 33Page - National Semiconductor (TI) LM4934 Datasheet HTML 34Page - National Semiconductor (TI) LM4934 Datasheet HTML 35Page - National Semiconductor (TI) LM4934 Datasheet HTML 36Page - National Semiconductor (TI) LM4934 Datasheet HTML 37Page - National Semiconductor (TI) LM4934 Datasheet HTML 38Page - National Semiconductor (TI) LM4934 Datasheet HTML 39Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 38 / 39 page
background image
Revision History
Rev
Date
Description
1.0
9/22/05
Started D/S by copying LM4931
(DS201009). Did major edits.
1.1
9/27/05
Input some text/Typical/Limits on the EC
tables.
1.2
10/6/05
Added table 1, 2, and 3. Input some text
edits also.
1.3
10/11/05
Input more edits.
1.4
10/12/05
First WEB release of the D/S.
1.5
10/13/05
D/S was taken out of the WEB per
Daniel.
1.6
10/19/05
Text edits and curves.
1.7
10/21/05
Added K6 (by Diane T.), will release to
the per Daniel.
1.8
10/24/06
Fixed typos, then released to the WEB.
1.9
11/10/05
Added the internal DAC SNR (with 95dB
typ) under Key Spec and into the Digital
EC table.
2.0
11/15/05
Added the SNR DAC, then re-webd per
Daniel.
2.1
12/14/05
Removed the WL package and replaced it
with the RL.
2.2
12/19/05
Removed the WL package and replaced it
with the RL package (per Veronica and
Daniel A.), then released D/S to the WEB.
2.3
1/19/06
Edited 20166956 (board schem, changed
WL to RL), X1, X2,and X3 values.
2.4
2/13/06
Switched the labels of B3 and B2 on the
Demo Board Schematic (pg 37) per
Daniel.
www.national.com
38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com