Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4934 Datasheet(PDF) 20 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4934
Description  3D Audio Sub-System with Stereo Speaker, OCL/SE Stereo Headphone, Earpiece and Mono Line Level Outputs
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4934 Datasheet(HTML) 20 Page - National Semiconductor (TI)

Back Button LM4934 Datasheet HTML 16Page - National Semiconductor (TI) LM4934 Datasheet HTML 17Page - National Semiconductor (TI) LM4934 Datasheet HTML 18Page - National Semiconductor (TI) LM4934 Datasheet HTML 19Page - National Semiconductor (TI) LM4934 Datasheet HTML 20Page - National Semiconductor (TI) LM4934 Datasheet HTML 21Page - National Semiconductor (TI) LM4934 Datasheet HTML 22Page - National Semiconductor (TI) LM4934 Datasheet HTML 23Page - National Semiconductor (TI) LM4934 Datasheet HTML 24Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 39 page
background image
PLL Configuration Registers (Continued)
PLL N MODULATOR AND DITHER SELECT CONFIGURATION REGISTER
This register is used to control the Fractional component of the PLL.
PLL_N_MOD (0Ch) (Set = logic 1, Clear = logic 0)
Bits
Register
Description
4:0
PLL_N_MOD
This programs the PLL N Modulator’s fractional component:
PLL_N_MOD
Fractional Addition
0
0/32
1
1/32
2
→ 30
2/32
→ 30/32
31
31/32
6:5
DITHER_LEVEL
Allows control over the dither used by the N Modulator
DITHER_LEVEL
DAC Sub-system Input Source
00
Medium (32)
01
Small (16)
10
Large (48)
11
Off
7
FAST_VCO
If set the VCO maximum and minimum frequencies are raised:
FAST_VCO
Maximum F
VCO
0
40–55MHz
1
55–80MHz
NOTES:
The complete N divider is a fractional divider as such:
N = PLL_N + (PLL_N_MOD/32)
If the modulus input is zero, then the N divider is simply an integer N divider. The output from the PLL is determined by the following formula:
Fout=(Fin*N)/(M*P)
Please see over for more details on the PLL and common settings.
www.national.com
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com