Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4934 Datasheet(PDF) 35 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4934
Description  3D Audio Sub-System with Stereo Speaker, OCL/SE Stereo Headphone, Earpiece and Mono Line Level Outputs
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4934 Datasheet(HTML) 35 Page - National Semiconductor (TI)

Back Button LM4934 Datasheet HTML 31Page - National Semiconductor (TI) LM4934 Datasheet HTML 32Page - National Semiconductor (TI) LM4934 Datasheet HTML 33Page - National Semiconductor (TI) LM4934 Datasheet HTML 34Page - National Semiconductor (TI) LM4934 Datasheet HTML 35Page - National Semiconductor (TI) LM4934 Datasheet HTML 36Page - National Semiconductor (TI) LM4934 Datasheet HTML 37Page - National Semiconductor (TI) LM4934 Datasheet HTML 38Page - National Semiconductor (TI) LM4934 Datasheet HTML 39Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 35 / 39 page
background image
Application Information (Continued)
S12 – connects VDD_I2C to Analog VDD
S17 – connects BB_VDD to USB3.3V (from USB board)
S19 – connects VDD_D to USB3.3V (from USB board)
S20 – connects VDD_D to SPDIF receiver chip
ANALOG SUPPLY
JP11 — Analog Supply
S12 — connects Analog VDD with Digital VDD (I2C_VDD)
S16 — connects Analog Ground with Digital Ground
S21 — connects Analog VDD to SPDIF receiver chip
INPUTS
Analog Inputs
JP2 — Mono Input
JP6 — Left Input
JP7 — Right Input
Digital Inputs
JP19 — Digital Interface
Pin 1 — MCLK
Pin 2 — I2S_CLK
Pin 3 — I2S_SDI
Pin 4 — I2S_WS
JP20 — Toslink SPDIF Input
JP21 — Coaxial SPDIF Input
Coaxial and Toslink inputs may be toggled between by use of S25. Only one may be used at a time. Must be used in conjunction
with on-board SPDIF receiver chip.
OUTPUTS
JP4 — Right BTL Loudspeaker Output
JP5 — Left BTL Loudspeaker Output
JP1 — Left Headphone Output (Single-Ended or OCL)
JP3 — Right Headphone Output (Single-Ended or OCL)
P1 — Stereo Headphone Jack (Same as JP1, JP2, Single-Ended or OCL)
JP12 — Mono BTL Earpiece Output
JP8 — Single-Ended Line Level Output
CONTROL INTERFACE
X1, X2 – USB Control Bus for I2C/SPI
X1
Pin 9 – Mode Select (SPI or I2C)
X2
Pin 1 – SDA
Pin 3 – SCL
Pin 15 – ADDR/END
Pin 14 – USB5V
Pin 16 – USB3.3V
Pin 16 – USB GND
www.national.com
35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com