Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4934 Datasheet(PDF) 22 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4934
Description  3D Audio Sub-System with Stereo Speaker, OCL/SE Stereo Headphone, Earpiece and Mono Line Level Outputs
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4934 Datasheet(HTML) 22 Page - National Semiconductor (TI)

Back Button LM4934 Datasheet HTML 18Page - National Semiconductor (TI) LM4934 Datasheet HTML 19Page - National Semiconductor (TI) LM4934 Datasheet HTML 20Page - National Semiconductor (TI) LM4934 Datasheet HTML 21Page - National Semiconductor (TI) LM4934 Datasheet HTML 22Page - National Semiconductor (TI) LM4934 Datasheet HTML 23Page - National Semiconductor (TI) LM4934 Datasheet HTML 24Page - National Semiconductor (TI) LM4934 Datasheet HTML 25Page - National Semiconductor (TI) LM4934 Datasheet HTML 26Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 39 page
background image
Further Notes on PLL Programming (Continued)
Choose a small range of P so that the VCO frequency is swept between 45 and 55MHz (or 60-80MHz if VCOFAST is used).
Remembering that the P divider can divide by half integers. So for P = 4.0
→ 7.0 sweep the M inputs from 2.5 → 24. The most
accurate N and N_MOD can be calculated by:
N = FLOOR(((Fout/Fin)*(P*M)),1)
N_MOD = ROUND(32*((((Fout)/Fin)*(P*M)-N),0)
This shows that settingM=11.5,N=75 N_MOD = 47 P = 7 gives a comparison frequency of just over 1MHz, a VCO frequency
of just under 80MHz (so VCO_FAST must be set) and an output frequency of 11.289596 which gives a sample rate of
44.099985443kHz, or accurate to 0.33 ppm.
Care must be taken when synchronization of isochronous data is not possible, i.e. when the PLL has to be used in the above
mode. The I2S should be master on the LM4934 so that the data source can support appropriate SRC as required. This method
should only be used with data being read on demand to eliminate sample rate mismatch problems.
Where a system clock exists at an integer multiple of the required DAC clock rate it is preferable to use this rather than the PLL.
The LM4934 is designed to work in 8,12,16,24,32, and 48kHz modes from a 12MHz clock without the use of the PLL. This saves
power and reduces clock jitter.
Clock Configuration Register
This register is used to control the multiplexers and clock R divider in the clock module.
CLOCK (09h) (Set = logic 1, Clear = logic 0)
Bits
Register
Description
0
FAST_CLOCK
If set master clock is divided by two.
FAST_CLOCK
MCLK Frequency
0
Normal
1
Divided by 2
1
PLL_INPUT
Programs the PLL input multiplexer to select:
PLL_INPUT
PLL Input Source
0
MCLK
1
I2S Input Clock
2
AUDIO_CLK_SEL
Selects which clock is passed to the audio sub-system
DAC_CLK_SEL
DAC Sub-system
Input Source
0
PLL Input
1
PLL Output
3
PLL_ENABLE
If set enables the PLL. (MODES 4–7 only)
7:4
R_DIV
Programs the R divider
R_DIV
Divide Value
0000
1
0001
1
0010
1.5
0011
2
0100
2.5
0101
3
0110
3.5
0111
4
1000
4.5
1001
5
1010
5.5
1011
6
1100
6.5
1101
7
1110
7.5
1111
8
www.national.com
22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com