Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSM2135S Datasheet(PDF) 5 Page - Analog Devices

Part # SSM2135S
Description  Dual Single-Supply Audio Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2135S Datasheet(HTML) 5 Page - Analog Devices

  SSM2135S Datasheet HTML 1Page - Analog Devices SSM2135S Datasheet HTML 2Page - Analog Devices SSM2135S Datasheet HTML 3Page - Analog Devices SSM2135S Datasheet HTML 4Page - Analog Devices SSM2135S Datasheet HTML 5Page - Analog Devices SSM2135S Datasheet HTML 6Page - Analog Devices SSM2135S Datasheet HTML 7Page - Analog Devices SSM2135S Datasheet HTML 8Page - Analog Devices SSM2135S Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
REV. E
SSM2135
–5–
10
0.001
50m
5
0.1
1
0.1
1
0.010
AUDIO PRECISION
SMPTE(%) VS AMPL(V p-p)
TPC 6. SMPTE Intermodulation Distortion (AV = +1,
VS = 5 V, f = 1 kHz, RL = 10 k
W)
10
0%
100
90
1S
TPC 7. Input Voltage Noise (20 nV/div)
FREQUENCY – Hz
30
25
0
11k
10
100
20
15
10
5
VS = 5V
TA = 25 C
TPC 8. Voltage Noise Density vs. Frequency
FREQUENCY – Hz
5
4
0
11k
10
100
3
2
1
VS = 5V
TA = 25 C
TPC 9. Current Noise Density vs. Frequency
2.0000
1.5000
–2.000
20
100k
100
1k
10k
0.0
–0.500
–1.000
–1.500
1.0000
0.5000
AUDIO PRECISION
AMPL(dBu) VS FREQ(Hz)
TPC 10. Frequency Response (AV = +1, VS = 5 V,
VIN = 1 V p-p, RL = 10 k
W)
100
90
10
0%
5µs
5µs
20mV
20mV
TPC 11. Square Wave Response (VS = 5 V, AV = +1,
RL =
•)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com