Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSM2135S Datasheet(PDF) 8 Page - Analog Devices

Part # SSM2135S
Description  Dual Single-Supply Audio Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2135S Datasheet(HTML) 8 Page - Analog Devices

Back Button SSM2135S Datasheet HTML 4Page - Analog Devices SSM2135S Datasheet HTML 5Page - Analog Devices SSM2135S Datasheet HTML 6Page - Analog Devices SSM2135S Datasheet HTML 7Page - Analog Devices SSM2135S Datasheet HTML 8Page - Analog Devices SSM2135S Datasheet HTML 9Page - Analog Devices SSM2135S Datasheet HTML 10Page - Analog Devices SSM2135S Datasheet HTML 11Page - Analog Devices SSM2135S Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
REV. E
–8–
SSM2135
TEMPERATURE – C
20
0
–75
125
–50
–25
0
25
50
75
100
18
12
8
4
2
16
14
10
6
VS = 5.0V
TO = 3.9V
RL = 600
RL = 2k
TPC 24. Open-Loop Gain vs. Temperature
TEMPERATURE – C
70
65
50
–75
125
–50
–25
0
25
50
75
100
60
55
5
4
1
3
2
VS = 5V
GBW
m
TPC 25. Gain Bandwidth Product and Phase Margin
vs. Temperature
TEMPERATURE – C
5
4
0
–75
125
–50
–25
0
25
50
75
100
3
2
1
VS = 18V
VS = 15V
VS = +5.0V
TPC 26. Supply Current vs. Temperature
TEMPERATURE – C
500
400
0
–75
125
–50
–25
0
25
50
75
100
300
200
100
VS = 15V
VS = +5.0V
TPC 27. Input Bias Current vs. Temperature
APPLICATION INFORMATION
The SSM2135 is a low voltage audio amplifier that has excep-
tionally low noise and excellent sonic quality even when driving
loads as small as 25
W. Designed for single supply use, the
SSM2135’s inputs common-mode and output swing to 0 V.
Thus with a supply voltage at 5 V, both the input and output
will swing from 0 V to 4 V. Because of this, signal dynamic
range can be optimized if the amplifier is biased to a 2 V reference
rather than at half the supply voltage.
The SSM2135 is unity-gain stable, even when driving into a fair
amount of capacitive load. Driving up to 500 pF does not cause
any instability in the amplifier. However, overshoot in the fre-
quency response increases slightly.
The SSM2135 makes an excellent output amplifier for 5 V only
audio systems such as a multimedia workstation, a CD output
amplifier, or an audio mixing system. The amplifier has large
output swing even at this supply voltage because it is designed
to swing to the negative rail. In addition, it easily drives load
impedances as low as 25
W with low distortion.
The SSM2135 is fully protected from phase reversal for inputs
going to the negative supply rail. However, internal ESD protec-
tion diodes will turn on when either input is forced more than
0.5 V below the negative rail. Under this condition, input cur-
rent in excess of 2 mA may cause erratic output behavior, in
which case a current limiting resistor should be included in the
offending input if phase integrity is required with excessive input
voltages. A 500
W or higher series input resistor will prevent
phase inversion even with the input pulled 1 V below the nega-
tive supply.
“Hot” plugging the input to a signal generally does not present a
problem for the SSM2135, assuming the signal does not have
any voltage exceeding the device’s supply voltage. If so, it is
advisable to add a series input resistor to limit the current, as
well as a Zener diode to clamp the input to a voltage no higher
than the supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com