Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSM2135S Datasheet(PDF) 6 Page - Analog Devices

Part # SSM2135S
Description  Dual Single-Supply Audio Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2135S Datasheet(HTML) 6 Page - Analog Devices

Back Button SSM2135S Datasheet HTML 2Page - Analog Devices SSM2135S Datasheet HTML 3Page - Analog Devices SSM2135S Datasheet HTML 4Page - Analog Devices SSM2135S Datasheet HTML 5Page - Analog Devices SSM2135S Datasheet HTML 6Page - Analog Devices SSM2135S Datasheet HTML 7Page - Analog Devices SSM2135S Datasheet HTML 8Page - Analog Devices SSM2135S Datasheet HTML 9Page - Analog Devices SSM2135S Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
REV. E
–6–
SSM2135
FREQUENCY – Hz
60
10
10M
100
1k
10k
100k
1M
40
–20
–80
–100
–120
20
0
–40
–60
VS = 5V
TA = 25 C
105
TPC 12. Crosstalk vs. Frequency (RL = 10 k
W)
FREQUENCY – Hz
140
120
0
100
1M
1k
10k
100k
80
60
40
20
100
VS = 5V
TA = 25 C
TPC 13. Common-Mode Rejection vs. Frequency
FREQUENCY – Hz
140
120
–20
10
1M
100
1k
10k
100k
60
40
20
0
100
80
VS = 5V
AV = +1
TA = 25 C
–PSRR
+PSRR
TPC 14. Power Supply Rejection vs. Frequency
FREQUENCY - Hz
50
40
–20
1k
10M
10k
100k
1M
20
10
0
–10
30
VS = 5V
TA = 25 C
AV = +100
AV = +10
AV = +1
TPC 15. Closed-Loop Gain vs. Frequency
FREQUENCY – Hz
100
80
–20
1k
10M
10k
100k
1M
40
20
0
60
VS = 5V
TA = 25 C
GAIN
PHASE
0
225
90
135
180
45
TPC 16. Open-Loop Gain and Phase vs. Frequency
LOAD CAPACITANCE –pF
50
45
0
0
500
100
200
300
400
30
15
10
5
40
35
20
25
VS = 5V
RL = 2k
VIN = 100mV p-p
TA = 25 C
AV = +1
NEGATIVE
EDGE
POSITIVE
EDGE
TPC 17. Small Signal Overshoot vs. Load Capacitance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com