Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSM2135S Datasheet(PDF) 11 Page - Analog Devices

Part # SSM2135S
Description  Dual Single-Supply Audio Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2135S Datasheet(HTML) 11 Page - Analog Devices

Back Button SSM2135S Datasheet HTML 7Page - Analog Devices SSM2135S Datasheet HTML 8Page - Analog Devices SSM2135S Datasheet HTML 9Page - Analog Devices SSM2135S Datasheet HTML 10Page - Analog Devices SSM2135S Datasheet HTML 11Page - Analog Devices SSM2135S Datasheet HTML 12Page - Analog Devices SSM2135S Datasheet HTML 13Page - Analog Devices SSM2135S Datasheet HTML 14Page - Analog Devices SSM2135S Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
REV. E
SSM2135
–11–
1/2
SSM2135
VS+ = 5V
Æ 12V
R3
2.5k
R4
100k
R2
5k
R1
5k
C1
0.1 F
VS+
2
OUTPUT
C2
1 F
Figure 8. Pseudo-Reference Generator
Digital Volume Control Circuit
Working in conjunction with the AD7528/PM7528 dual 8-bit
D/A converter, the SSM2135 makes an efficient audio attenuator,
as shown in Figure 9. The circuit works off a single 5 V supply.
The DACs are biased to a 2 V reference level, which is sufficient
to keep the DACs’ internal R-2R ladder switches operating prop-
erly. This voltage is also the optimal midpoint of the SSM2135’s
common-mode and output swing range. With the circuit as
shown, the maximum input and output swing is 1.25 V rms.
Total harmonic distortion measures a respectable 0.01% at 1 kHz
and 0.1% at 20 kHz. The frequency response at any attenuation
level is flat to 20 kHz.
Each DAC can be controlled independently via the 8-bit parallel
data bus. The attenuation level is linearly controlled by the
binary weighting of the digital data input. Total attenuation
ranges from 0 dB to 48 dB.
+5V
1/2
SSM2135
1/2
SSM2135
+5V 10 F+0.1 F
6
DACA/
DACB
1/2
SSM2135
REFA
DAC A
OUTA
FB
REFB
DACB
FB
OUTB
DATA IN
15
CS
16
WR
18
CONTROL
SIGNAL
R AUDIO
IN
L AUDIO
IN
VDD
DGND
17
5
+5V
0.1 F
AD7528/PM7528
3
2
19
20
1
R AUDIO
OUT
L AUDIO
OUT
47 F
47 F
2k
+5V
2.0V
7.5k
5k
100
0.1 F
1 F
2.0V
Figure 9. Digital Volume Control
Logarithmic Volume Control Circuit
Figure 10 shows a logarithmic version of the volume control
function. Similar biasing is used. With an 8-bit bus, the AD7111
provides an 88.5 dB attenuation range. Each bit resolves a
0.375 dB attenuation. Refer to the AD7111 data sheet for attenua-
tion levels for each input code.
OUTA
DATA IN
AND
CONTROL
R AUDIO
IN
L AUDIO
IN
VDD
DGND
+5V
0.1 F
AGND
OUTA
FB
VDD
DGND
VIN
AD7111
314
+5V
0.1 F
314
10
10
10
47 F
47 F
FB
AGND
VIN
AD7111
+5V
1/2
SSM2135
1/2
SSM2135
R AUDIO
OUT
47 F
2k
+5V
2.0V
7.5k
5k
100
0.1 F
1 F
2.0V
1/2
SSM2135
+5V 10 F+0.1 F
L AUDIO
OUT
47 F
1
2
1
2
Figure 10. Single-Supply Logarithmic Volume Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com