Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSM2135S Datasheet(PDF) 7 Page - Analog Devices

Part # SSM2135S
Description  Dual Single-Supply Audio Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2135S Datasheet(HTML) 7 Page - Analog Devices

Back Button SSM2135S Datasheet HTML 3Page - Analog Devices SSM2135S Datasheet HTML 4Page - Analog Devices SSM2135S Datasheet HTML 5Page - Analog Devices SSM2135S Datasheet HTML 6Page - Analog Devices SSM2135S Datasheet HTML 7Page - Analog Devices SSM2135S Datasheet HTML 8Page - Analog Devices SSM2135S Datasheet HTML 9Page - Analog Devices SSM2135S Datasheet HTML 10Page - Analog Devices SSM2135S Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
REV. E
SSM2135
–7–
FREQUENCY – Hz
50
45
0
10
1M
100
1k
10k
100k
30
15
10
5
40
35
20
25
VS = 5V
TA = 25 C
AVCL = +100
AVCL = +1
AVCL = +10
TPC 18. Output Impedance vs. Frequency
LOAD RESISTANCE –
5
4
0
1
100k
10
100
1k
10k
3
2
1
VS = 5V
TA = 25 C
AV = +1
f = 1kHz
THD+N = 1%
TPC 19. Maximum Output Voltage vs. Load Resistance
FREQUENCY – Hz
6
5
0
1k
10M
10k
100k
1M
4
3
2
1
VS = 5V
RL = 2k
TA = 25 C
AV = +1
TPC 20. Maximum Output Swing vs. Frequency
SUPPLY VOLTAGE – V
40
0
040
5
10
15
20
25
30
35
35
20
15
10
5
30
25
VS = 5V
AV = +1
RL = 10k
f = 1kHz
THD+N = 1%
TA = 25 C
TPC 21. Output Swing vs. Supply Voltage
TEMPERATURE – C
5.0
4.5
3.0
–75
125
–50
–25
0
25
50
75
100
4.0
3.5
+SWING
RL = 2k
+SWING
RL = 600
+SWING
RL = 2k
+SWING
RL = 600
VS = 5.0V
2.0
1.5
0
1.0
0.5
TPC 22. Output Swing vs. Temperature and Load
TEMPERATURE – C
2.0
1.5
0
–75
125
–50
–25
0
25
50
75
100
1.0
0.5
VS = 5V
0.5V
VOUT
4.0V
+SLEW RATE
–SLEW RATE
TPC 23. Slew Rate vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com