Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSM2135S Datasheet(PDF) 10 Page - Analog Devices

Part # SSM2135S
Description  Dual Single-Supply Audio Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2135S Datasheet(HTML) 10 Page - Analog Devices

Back Button SSM2135S Datasheet HTML 6Page - Analog Devices SSM2135S Datasheet HTML 7Page - Analog Devices SSM2135S Datasheet HTML 8Page - Analog Devices SSM2135S Datasheet HTML 9Page - Analog Devices SSM2135S Datasheet HTML 10Page - Analog Devices SSM2135S Datasheet HTML 11Page - Analog Devices SSM2135S Datasheet HTML 12Page - Analog Devices SSM2135S Datasheet HTML 13Page - Analog Devices SSM2135S Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
REV. E
–10–
SSM2135
18-Bit Stereo CD-DAC Output Amplifier
The SSM2135 makes an ideal single-supply stereo output
amplifier for audio D/A converters because of its low noise and
distortion. Figure 5 shows the implementation of an 18-bit
stereo DAC channel. The output amplifier also provides low-pass
filtering for smoothing the oversampled audio signal. The filter’s
cutoff frequency is set at 22.5 kHz and has a maximally flat
response from dc to 20 kHz.
As mentioned above, the amplifier’s outputs can drive directly
into a stereo headphone that has impedance as low as 25
W with
no additional buffering required.
Single Supply Differential Line Driver
Signal distribution and routing is often required in audio systems,
particularly portable digital audio equipment for professional
applications. Figure 6 shows a single supply line driver circuit
that has differential output. The bottom amplifier provides a 2 V
dc bias for the differential amplifier in order to maximize the
output swing range. The amplifier can output a maximum of
0.8 V rms signal with a 5 V supply. It is capable of driving into
600
W line termination at a reduced output amplitude.
+5V
1/2
SSM2135
1/2
SSM2135
AUDIO IN
100 F
1k
DIFFERENTIAL
AUDIO OUT
+5V
1/2
SSM2135
1k
2.5k
100
+5V
7.5k
5k
1 F
0.1 F
2.0V
10k
1k
10 F+0.1 F
Figure 6. Single-Supply Differential Line Driver
47k
1/2
SSM2135
AD1868
18-BIT
DAC
18-BIT
SERIAL
REG.
VREF
DL
LL
DR
LR
VREF
18-BIT
SERIAL
REG.
18-BIT
DAC
CK
VL
DGND
VBR
VBL
VOL
VS
AGND
VOR
1/2
SSM2135
5V SUPPLY
7.68k
9.76k
7.68k
9.76k
7.68k
7.68k
330pF
330pF
100pF
100pF
220 F
220 F
LEFT
CHANNEL
OUTPUT
RIGHT
CHANNEL
OUTPUT
47k
Figure 5. 5 V Stereo 18-Bit DAC
Single-Supply Differential Line Receiver
Receiving a differential signal with minimum distortion is achieved
using the circuit in Figure 7. Unlike a difference amplifier (a
subtractor), the circuit has a true balanced input impedance
regardless of input drive levels. That is, each input always pre-
sents a 20 k
W impedance to the source. For best common-mode
rejection performance, all resistors around the differential amplifier
must be very well matched. Best results can be achieved using a
10 k
W precision resistor network.
1/2
SSM2135
AUDIO
OUT
1/2
SSM2135
10k
+5V 10 F+0.1 F
+5V
1/2
SSM2135
DIFFERENTIAL
AUDIO IN
100
5k
1 F
0.1 F
2.5k
+5V
7.5k
10
10 F
20k
2.0V
20k
20k
Figure 7. Single-Supply Balanced Differential
Line Receiver
Pseudo-Reference Voltage Generator
For single-supply circuits, a reference voltage source is often
required for biasing purposes or signal offsetting purposes. The
circuit in Figure 8 provides a supply splitter function with low
output impedance. The 1
mF output capacitor serves as a charge
reservoir to handle a sudden surge in demand by the load as
well as providing a low ac impedance to it. The 0.1
mF feedback
capacitor compensates the amplifier in the presence of a heavy
capacitive load, maintaining stability.
The output can source or sink up to 12 mA of current with a
5 V supply, limited only by the 100
W output resistor. Reducing
the resistance will increase the output current capability.
Alternatively, increasing the supply voltage to 12 V also
improves the output drive to more than 25 mA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com