Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L5951 Datasheet(PDF) 7 Page - STMicroelectronics

Part # L5951
Description  TRIPLE OUTPUT MULTIFUNCTION VOLTAGE REGULATOR FOR CAR RADIO WITH IDR/CLASS 2 INTERFACE
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5951 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L5951 Datasheet HTML 3Page - STMicroelectronics L5951 Datasheet HTML 4Page - STMicroelectronics L5951 Datasheet HTML 5Page - STMicroelectronics L5951 Datasheet HTML 6Page - STMicroelectronics L5951 Datasheet HTML 7Page - STMicroelectronics L5951 Datasheet HTML 8Page - STMicroelectronics L5951 Datasheet HTML 9Page - STMicroelectronics L5951 Datasheet HTML 10Page - STMicroelectronics L5951 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
7/13
L5951
∆Vload
Load Regulation
0.5mA
≤ IREG2 ≤ 100mA
(Measure
∆VREG2 Across VLOAD
Range)
14
100
mV
VDROPOUT Dropout Voltage (Measure VBAT -
VREG2 when VREG2 drops 0.1V)
IREG2 =100mA
IREG2 =5mA
450
22
mV
mV
Ilim2
Current Limit
200
mA
SVR2
Reg2 Supply Voltage Rejection
IREG1 = IREG2 = IREG3 = 50mA
f = 20 to 20kHz
VBAT = 14Vdc, 1Vac,pp
45
dB
7.8V/100mA Regulator Output 3
VREG3
Output Voltage
IREG3 =100mA - 8.8V ≤ VBAT ≤
Range
7.60
7.8
8
V
DVline
Line Regulation
8.8V
≤ VBAT ≤ 26V
(Measure
∆VREG3 Across VBAT
Range)
50
mV
DVload
Load Regulation
5mA
≤ IREG3 ≤ 100mA
(Measure
∆VREG3 Across VLOAD
Range)
50
mV
VDROPOUT Dropout Voltage
(Measure VBAT - VREG3 when
VREG3 drops 0.1V)
IREG3 = 100mA
IREG3 = 5mA
0.5
0.04
V
V
Ilim3
Current Limit
200
mA
SVR3
Reg3 Supply Voltage Rejection
IREG1 = IREG2 = IREG3 = 50mA
f = 20 to 20kHz
VBAT = 14Vdc, 1Vac,pp
45
dB
DC Characteristics for Class 2 Transceiver
Standard Loads: IREG1 = 0.5mA, IREG2 = 0.5mA, IREG3 = 5mA
BUSih
BUSil
BUS Guaranteed
Input Voltages
Verify RX > 3 VDC
Verify RX < 3 VDC
4.25
3.7
3.50
V
V
BUSHyst
BUS Hysteresis
BUSItoh - BUShhtol
0.15
V
BUSov
BUS Output Voltage
TX = 5 VDC,
BUS = 257 to 1380
Ω to gnd
VBAT - 8.2 to 16 VDC
VBAT - 6.0 to 8.2 VDC
TX = 0V
7.2
5
V
V
IBUSshort BUS Short Circuit Current
TX = 5VDC
BUS = -2 to 4.8VDC
170
mA
IBUSleak
BUS Leakage Current
BUS = -2 to 0 VDC
BUS = 0 to VBAT
0
0
mA
mA
LOADON Load Output
ILOAD = 6mA
0.045
V
ELECTRICAL CHARACTERISTICS (continued)
(Tamb = 25°C, VBAT = 14.4V unless otherwise specified. Standard Loads: IREG1 = 0.5mA, IREG2 = 0.5mA, IREG3 = 5mA)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com