Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L5951 Datasheet(PDF) 9 Page - STMicroelectronics

Part # L5951
Description  TRIPLE OUTPUT MULTIFUNCTION VOLTAGE REGULATOR FOR CAR RADIO WITH IDR/CLASS 2 INTERFACE
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5951 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button L5951 Datasheet HTML 5Page - STMicroelectronics L5951 Datasheet HTML 6Page - STMicroelectronics L5951 Datasheet HTML 7Page - STMicroelectronics L5951 Datasheet HTML 8Page - STMicroelectronics L5951 Datasheet HTML 9Page - STMicroelectronics L5951 Datasheet HTML 10Page - STMicroelectronics L5951 Datasheet HTML 11Page - STMicroelectronics L5951 Datasheet HTML 12Page - STMicroelectronics L5951 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
9/13
L5951
2
BUS TIMING DIAGRAM
Figure 1. BUS Rise and Fall Times
Figure 2. BUS Pulse Width Distortion
V1
V2
Spectral Content Limit
(Measure spectral peak from
0.53MHz to 1.6MHz)
VBAT = 9V to 16V, no ground
offset, 0.53
≤ f ≤ 1MHz.
VBAT = 9V to 16V, no ground
offset, 1
≤ f ≤ 1.67MHz.
100
80
µV
µV
BUSDLY
Propagation Delay
Measure Delay Between TX Trip
Point and RX Trip Point
16
µs
TX4XDLY
TXNormDLY
TX to BUS Delay
Measure from 2.5V on TX to
3.875V on BUS
4X Mode
Normal Mode
3.5
14.5
µs
µs
RXLTOHdly
RXHTOLdly
RX Output Delay Time
See Figure 4
Measured from BUS Threshold
Voltage
1.5
1.9
µs
µs
RXLTOH
RXHTOL
RX Output Transition Time
Load RX with 50pF to Ground
See Figure 5
170
70
ns
ns
RXLTOH
RXHTOL
RX Output Transition Time During
Sleep State
Load RX with 50pF to Ground
See Figure 5, Sleep* = 0VDC
170
70
ns
ns
ELECTRICAL CHARACTERISTICS (continued)
(Tamb = 25°C, VBAT = 14.4V unless otherwise specified. Standard Loads: IREG1 = 0.5mA, IREG2 = 0.5mA, IREG3 = 5mA)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
64
µsec
TX
5V
0V
6.25V
BUS
1.5V
trise
tfall
6.25V
1.5V
D99AU993
64
µsec
TX
5V
0V
6.25V
BUS
1.5V
D99AU994
3.875V
>35
µsec
64
µsec
<93
µsec



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com