Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L5951 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L5951
Description  TRIPLE OUTPUT MULTIFUNCTION VOLTAGE REGULATOR FOR CAR RADIO WITH IDR/CLASS 2 INTERFACE
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5951 Datasheet(HTML) 1 Page - STMicroelectronics

  L5951 Datasheet HTML 1Page - STMicroelectronics L5951 Datasheet HTML 2Page - STMicroelectronics L5951 Datasheet HTML 3Page - STMicroelectronics L5951 Datasheet HTML 4Page - STMicroelectronics L5951 Datasheet HTML 5Page - STMicroelectronics L5951 Datasheet HTML 6Page - STMicroelectronics L5951 Datasheet HTML 7Page - STMicroelectronics L5951 Datasheet HTML 8Page - STMicroelectronics L5951 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1/13
L5951
January 2001
s
3 VOLTAGE REGULATORS:
3.3V (100mA) STANDBY REGULATOR
5V (100mA) STANDBY REGULATOR
7.8V (100mA)
s
OUT OF REGULATION DETECTION FOR 5V-
STANDBY REGULATOR
s
WIDE OPERATING SUPPLY VOLTAGE
RANGE FROM 4.5V UP TO 26.5V FOR
TRANSIENT 34V
s
VERY LOW STANDBY QUIESCENT
CURRENT (<150
µA)
s
INPUT TO OUTPUT SIGNAL TRANSFER
FUNCTION PROGRAMMABLE
s
LVS FUNCTION
s
TTL AND CMOS COMPATIBLE INPUTS
s
OUTPUT CURRENT LIMITATION
s
CONTROLLED OUTPUT SLOPE FOR LOW
EMI
s
OVERTEMPERATURE SHUT-DOWN
s
ABLE TO SURVIVE UNDER LOSS OF
GROUND OR BATTERY
s
ESD PROTECTED
DESCRIPTION
The L5951 is a monolithic triple regulator integrated
with a SAE J1850 Integrated Driver / Receiver real-
ized in advanced Multipower-BCD technology. It is
intended to drive single wire J1850 communications,
and offer microcontroller power and power manage-
ment for automotive or industrial applications.
SO24
ORDERING NUMBER: L5951
TRIPLE OUTPUT MULTIFUNCTION VOLTAGE REGULATOR
FOR CAR RADIO WITH IDR/CLASS 2 INTERFACE
BLOCK DIAGRAM
SUPPLY
SELECTOR
BANDGAP
REFERENCE
3V
STANDBY
5V
STANDBY
RESET
ENABLE/
PROTECTION
LOGIC
7.8V
BUS DRIVER
WAVESHAPING
FILTER
4XEN AND
LOOPBACK
DIGITAL OUTPUT
DRIVER
LOSS
OF GND
PROTECTION
LOAD
GND
BUS
REG3
RESET
REG2
REG1
VBAT
LVS
EN
SLEEP
TX
4X
LOOP
RX
D99AU991


Similar Part No. - L5951

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L5951 STMICROELECTRONICS-L5951 Datasheet
297Kb / 18P
Triple output multifunction voltage regulator for car radio with IDR/class2 interface
23-Sep-2013
L5951 STMICROELECTRONICS-L5951_V01 Datasheet
297Kb / 18P
Triple output multifunction voltage regulator for car radio with IDR/class2 interface
23-Sep-2013
More results

Similar Description - L5951

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4943 STMICROELECTRONICS-L4943 Datasheet
113Kb / 6P
MULTIFUNCTION VOLTAGE REGULATOR FOR CAR RADIO
Dec-2000
L4953 STMICROELECTRONICS-L4953 Datasheet
44Kb / 6P
MULTIFUNCTION VOLTAGE REGULATOR FOR CAR RADIO
REV BATT
L4953G STMICROELECTRONICS-L4953G Datasheet
45Kb / 6P
MULTIFUNCTION VOLTAGE REGULATOR FOR CAR RADIO
Apr-1999
L4953K STMICROELECTRONICS-L4953K Datasheet
56Kb / 8P
MULTIFUNCTION VOLTAGE REGULATOR FOR CAR RADIO
REV BATT
L5956 STMICROELECTRONICS-L5956 Datasheet
231Kb / 16P
Multifunction voltage regulator for car radio
29-Aug-2007
L5955 STMICROELECTRONICS-L5955 Datasheet
203Kb / 17P
Multiple multifunction voltage regulator for car radio
29-Aug-2007
L5959 STMICROELECTRONICS-L5959 Datasheet
201Kb / 19P
Multifunction voltage regulator for car radio
28-Aug-2007
L5956 STMICROELECTRONICS-L5956_11 Datasheet
291Kb / 17P
Multifunction voltage regulator for car radio
27-Jun-2011
L5958 STMICROELECTRONICS-L5958 Datasheet
282Kb / 20P
Multifunction voltage regulator for car radio
12-Jul-2010
L5957 STMICROELECTRONICS-L5957 Datasheet
208Kb / 16P
Multifunction voltage regulator for car radio
08-Jan-2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com