Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L5951 Datasheet(PDF) 12 Page - STMicroelectronics

Part # L5951
Description  TRIPLE OUTPUT MULTIFUNCTION VOLTAGE REGULATOR FOR CAR RADIO WITH IDR/CLASS 2 INTERFACE
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5951 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button L5951 Datasheet HTML 5Page - STMicroelectronics L5951 Datasheet HTML 6Page - STMicroelectronics L5951 Datasheet HTML 7Page - STMicroelectronics L5951 Datasheet HTML 8Page - STMicroelectronics L5951 Datasheet HTML 9Page - STMicroelectronics L5951 Datasheet HTML 10Page - STMicroelectronics L5951 Datasheet HTML 11Page - STMicroelectronics L5951 Datasheet HTML 12Page - STMicroelectronics L5951 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
L5951
12/13
SO24
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
2.35
2.65
0.093
0.104
A1
0.10
0.30
0.004
0.012
A2
2.55
0.100
B
0.33
0.51
0.013
0.0200
C
0.23
0.32
0.009
0.013
D
15.20
15.60
0.598
0.614
E
7.40
7.60
0.291
0.299
e
1.27
0,050
H
10.0
10.65
0.394
0.419
h
0.25
0.75
0.010
0.030
k0
° (min.), 8° (max.)
L
0.40
1.27
0.016
0.050
Be
1
13
24
D
L
H
A1
C
K
h x 45˚
SO24
Seating Plane
0.10mm
.004
A1
OUTLINE AND
MECHANICAL DATA
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com