Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L5951 Datasheet(PDF) 8 Page - STMicroelectronics

Part # L5951
Description  TRIPLE OUTPUT MULTIFUNCTION VOLTAGE REGULATOR FOR CAR RADIO WITH IDR/CLASS 2 INTERFACE
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5951 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L5951 Datasheet HTML 4Page - STMicroelectronics L5951 Datasheet HTML 5Page - STMicroelectronics L5951 Datasheet HTML 6Page - STMicroelectronics L5951 Datasheet HTML 7Page - STMicroelectronics L5951 Datasheet HTML 8Page - STMicroelectronics L5951 Datasheet HTML 9Page - STMicroelectronics L5951 Datasheet HTML 10Page - STMicroelectronics L5951 Datasheet HTML 11Page - STMicroelectronics L5951 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
L5951
8/13
LOADDio Load Output (Unpowered)
VBAT = 0V, ILOAD = 6mA
0.7
V
IBUSloss
ILOADloss
BUS & LOADCurrent during loss
of assembly VBAT or GND
IVBAT = 0mA,
BUS = -18 to 9VDC
LOAD = -18 to 0 VDC
11
39
µA
µA
TXVIL
TXVIH
TX Input Voltage
Verify BUS < 3.875VDC
Verify BUS > 3.875VDC
2
0.8
V
V
ITXVIL
ITXVIH
TX Input Current
TX = 5VDC
TX = 0VDC
110
0
µA
µA
4Trip1
4Trip2
4X Input Trip Point Voltages
Normal Mode
4X Mode
1.4
V
I4Xvih
I4Xvil
4X Input Current
4X = 5 VDC
4X = 0 VDC
0
0
µA
µA
LTrip1
LTrip2
LOOP Input Trip Point Voltages
Normal Mode
Loopback Mode
2
0.8
V
V
ILvih
ILvil
LOOP Input Current
LOOP = 5VDC
LOOP = 0VDC
0
µA
VRXhigh
RX Output Voltage, High
BUS = 7V, IRX = -200µA4.85
V
VRXlow
RX Output Voltage, Low
BUS = 0V, IRX = 1.6mA
0.2
V
IRX
RX Output Current
RX = high (Short circuit protection
limits)
5mA
Sleep* VIH
Sleep*VIL
Sleep* Input Voltage
TX = 5VDC
Verify BUS > 3.725
Verify BUS < 4.025
2
0.8
V
V
ISleepvih
ISleepvil
Sleep* Input Current
Sleep* = 5VDC
Sleep* = 0VDC
0.2
0
µA
µA
* Denotes active low for Sleep and Reset.
AC Characteristics for Class 2 Transceiver
Standard Loads: IREG1 = 0.5mA, IREG2 = 0.5mA, IREG3 = 5mA
BUSLTOH BUS Voltage Rise Times
TX = 7.812Hz square wave
See Figure 1
Min and Max Loaded BUS
15
µs
BUSHTOL BUS Voltage Fall Times
TX = 7.812Hz square wave
See Figure 1
Min and Max Loaded BUS
14
µs
tWbus
BUS Pulse Width Distortion
TX = 7.812Hz square wave
See Figure 2
Load BUS with 3.300pF and
1.38k
Ω
Meas. @ 1.5V levels
Meas. @ 6.25V levels
77
48
µs
µs
ELECTRICAL CHARACTERISTICS (continued)
(Tamb = 25°C, VBAT = 14.4V unless otherwise specified. Standard Loads: IREG1 = 0.5mA, IREG2 = 0.5mA, IREG3 = 5mA)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com