Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L5951 Datasheet(PDF) 3 Page - STMicroelectronics

Part # L5951
Description  TRIPLE OUTPUT MULTIFUNCTION VOLTAGE REGULATOR FOR CAR RADIO WITH IDR/CLASS 2 INTERFACE
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5951 Datasheet(HTML) 3 Page - STMicroelectronics

  L5951 Datasheet HTML 1Page - STMicroelectronics L5951 Datasheet HTML 2Page - STMicroelectronics L5951 Datasheet HTML 3Page - STMicroelectronics L5951 Datasheet HTML 4Page - STMicroelectronics L5951 Datasheet HTML 5Page - STMicroelectronics L5951 Datasheet HTML 6Page - STMicroelectronics L5951 Datasheet HTML 7Page - STMicroelectronics L5951 Datasheet HTML 8Page - STMicroelectronics L5951 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3/13
L5951
as well as a 10.6 kW + 5% pull down resistor to ground. The main node has a 3,300 + 10% pF capacitor on its
output for EMI suppression, as well as a 1.5 k
Ω + 5% pull down resistor to ground. With more than 26 nodes
there is no primary node , all nodes will have the 470 ±10% pF capacitor and the 10.6k
Ω ±5% pull down resistor.
No matter how many remote nodes are on the Class 2/IDR Bus, the RC of the Class 2/IDR Bus is maintained
at approximately 5ms. The minimum and maximum load on the Class 2/IDR Bus is given below :
1.5 Protection
The L5951 can survive under the following conditions: shorting the outputs to BAT and GND, loss of BAT, loss
of IC GND, double battery(+26.5V), 4000V ESD, 34V load dump. L5951 will not handle a reverse battery con-
dition. External components must be implemented for reverse battery protection.
Thermal Shutdown: thermal shutdown is broken down into two areas; V1 and V2 ouputs, and the other is V3
output and the Class 2 Bus Driver. V1 and V2 outputs shutdown at 160°C and returns to normal operation at
130°C. The V3 output and Class 2 Bus Driver shutdown at 150°C and return to normal operation at 120°C.
Current Limiting: each voltage regulator will contain its own current protection, and the maximum allowable cur-
rent for all three regulators is 280mA.
Short Circuit: If the outputs are short circuited, the IC will begin current limiting and eventually the thermal shut-
down will kick in. Current limiting will not disable the outputs.
Overvoltage: The IC will not operate if the BAT voltage reaches 30V or above. V1 and V2 will not be shutdown,
but all other outputs will not operate.
Loss of Ground & Loss of Battery Connection: in this conditions a very small leakage on BUS is generated.
1.6 Protocol Description
The L5951 uses a Variable Pulse Width (VPW) modulated protocol. One frame consists of an entire message
not containing more than 12 bytes. The first bit of each byte will be the most significant bit (MSB). A transmitted
message begins with a SOF signal and ends with the EOF signal.
The data to be transmitted has to be in a specific format as follows:
idle,SOF,DATA, CRC, EOD, NB, IFR, EOF, IFS, idle
Definitions below:
idle:
Logic level low on communication bus
SOF:
Start of Frame
DATA:
Data Bytes
CRC:
Cyclic Redundancy Check Error Detection Byte
EOD:
End of DATA(only when IFR is used)
NB:
Normalization Bit
IFR:
In-Frame Response Byte(s)
EOF:
End of Frame
IFS:
Inter-Frame Separation
BRK:
Break(can occur on network at any time)
Idle - Logic level low on bus any time after IFS.
Start of Frame (SOF) - The SOF signals the receiver that a new frame is beginning. SOF signal is a logic level
Capacitance
Resistance to Ground
Minimum Nodes
(3.33 · .9) + (.47 · .9) = 3.39 nF
(1.5 · 1.05) || (10.6 · 1.05) = 1.38 k
Ω
Maximum Nodes
(3.3 · 1.1) + 25·(0.47 · 1.1) = 16.55 nF (1.5 · 0.95) || (10.6 · 0.95) / 25 = 314
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com