Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VN770KP Datasheet(PDF) 7 Page - STMicroelectronics

Part # VN770KP
Description  Quad smart power solid state relay for complete H-bridge configurations
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN770KP Datasheet(HTML) 7 Page - STMicroelectronics

Back Button VN770KP Datasheet HTML 3Page - STMicroelectronics VN770KP Datasheet HTML 4Page - STMicroelectronics VN770KP Datasheet HTML 5Page - STMicroelectronics VN770KP Datasheet HTML 6Page - STMicroelectronics VN770KP Datasheet HTML 7Page - STMicroelectronics VN770KP Datasheet HTML 8Page - STMicroelectronics VN770KP Datasheet HTML 9Page - STMicroelectronics VN770KP Datasheet HTML 10Page - STMicroelectronics VN770KP Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
DocID022021 Rev 4
7/33
VN770KP-E
Block diagram and pin description
32
Figure 2. Connection diagram
Table 2. Pin definition and function
No
Name
Function
1, 3, 25, 28
DRAIN 3
Drain of switch 3 (low-side switch)
2
INPUT 3
Input of switch 3 (low-side switch)
4, 11
N.C.
Not connected
5, 10, 19, 24
VCC
Drain of switches 1 and 2 (high-side switches) and power
supply voltage
6
GND
Ground of switches 1 and 2 (high-side switches)
7
INPUT 1
Input of switch 1 (high-side switches)
8
DIAGNOSTIC
Diagnostic of switches 1 and 2 (high-side switches)
9
INPUT 2
Input of switch 2 (high-side switch)
12, 14, 15, 18
DRAIN 4
Drain of switch 4 (low-side switch)
13
INPUT 4
Input of switch 4 (low-side switch)
16, 17
SOURCE 4
Source of switch 4 (low-side switch)
20, 21
SOURCE 2
Source of switch 2 (high-side switch)
22, 23
SOURCE 1
Source of switch 1 (high-side switch)
26, 27
SOURCE 3
Source of switch 3 (low-side switch)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com