Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VN770KP Datasheet(PDF) 1 Page - STMicroelectronics

Part # VN770KP
Description  Quad smart power solid state relay for complete H-bridge configurations
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN770KP Datasheet(HTML) 1 Page - STMicroelectronics

  VN770KP Datasheet HTML 1Page - STMicroelectronics VN770KP Datasheet HTML 2Page - STMicroelectronics VN770KP Datasheet HTML 3Page - STMicroelectronics VN770KP Datasheet HTML 4Page - STMicroelectronics VN770KP Datasheet HTML 5Page - STMicroelectronics VN770KP Datasheet HTML 6Page - STMicroelectronics VN770KP Datasheet HTML 7Page - STMicroelectronics VN770KP Datasheet HTML 8Page - STMicroelectronics VN770KP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
This is information on a product in full production.
October 2015
DocID022021 Rev 4
1/33
VN770KP-E
Quad smart power solid state relay for complete H-bridge
configurations
Datasheet
- production data
Features
 ECOPACK®: lead free and RoHS compliant
 Automotive Grade: compliance with AEC
guidelines
 Suited as low voltage bridge
 Linear current limitation
 Very low standby power dissipation
 Short circuit protected
 Status flag diagnostic (open drain)
 Integrated clamping circuits
 Undervoltage protection
 ESD protection
Description
The VN770KP-E is a device formed by three
monolithic chips housed in a standard SO-28
package: a double high side and two low side
switches. Both the double high side and low side
switches are made using STMicroelectronics
VIPower™ M0-3 Technology.
This device is suitable to drive a DC motor in a
bridge configuration as well as to be used as a
quad switch for any low voltage application.
The dual high side switches have built-in thermal
shutdown to protect the chips from over
temperature and current limiter blocks to protect
the device from short circuit. Status output is
provided to indicate open load in off and on-state
and over temperature.
The low side switches are two OMNIFET II types
(fully auto protected Power MOSFET in
VIPower™ technology). They have built-in
thermal shutdown, linear current limitation and
overvoltage clamping. Fault feedback for thermal
intervention can be detected by monitoring the
voltage at the input pin.
Type
RDS(on)
IOUT
VCC
VN770KP-E
225 mΩ(1)
1. Total resistance of one side in bridge configuration
9 A(2)
2. Typical current limitation value
36 V
Table 1. Device summary
Package
Order codes
Tube
Tape and reel
SO-28
VN770KP-E
VN770KPTR -E
www.st.com


Similar Part No. - VN770KP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VN770KP-E STMICROELECTRONICS-VN770KP-E Datasheet
1Mb / 22P
for car body applications
Oct-2013
More results

Similar Description - VN770KP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VN770 STMICROELECTRONICS-VN770 Datasheet
87Kb / 10P
QUAD SMART POWER SOLID STATE RELAY FOR COMPLETE H-BRIDGE CONFIGURATIONS
Oct-1998
VN770P STMICROELECTRONICS-VN770P Datasheet
95Kb / 11P
QUAD SMART POWER SOLID STATE RELAY FOR COMPLETE H BRIDGE CONFIGURATIONS
Sep-1998
VN771 STMICROELECTRONICS-VN771 Datasheet
87Kb / 10P
QUAD SMART POWER SOLID STATE RELAY FOR COMPLETE H-BRIDGE CONFIGURATIONS
Oct-1998
VN771P STMICROELECTRONICS-VN771P Datasheet
95Kb / 11P
QUAD SMART POWER SOLID STATE RELAY FOR COMPLETE H BRIDGE CONFIGURATIONS
Sep-1998
VN5770AK-E STMICROELECTRONICS-VN5770AK-E Datasheet
506Kb / 31P
Quad smart power solid state relay for complete H bridge configurations
16-Feb-2007
VN771K STMICROELECTRONICS-VN771K Datasheet
901Kb / 33P
Quad smart power solid state relay for complete H-bridge configurations
10-Jul-2009
VN772K-E STMICROELECTRONICS-VN772K-E Datasheet
226Kb / 21P
QUAD SMART POWER SOLID STATE RELAY FOR COMPLETE H BRIDGE CONFIGURATIONS
Sep-2004
VN5770AKPTR-E STMICROELECTRONICS-VN5770AKPTR-E Datasheet
582Kb / 35P
Quad smart power solid state relay for complete H-bridge configurations
02-Oct-2012
VN5772AKTR-E STMICROELECTRONICS-VN5772AKTR-E Datasheet
875Kb / 34P
Quad smart power solid-state relay for complete H-bridge configurations
19-Sep-2013
VN771K-E STMICROELECTRONICS-VN771K-E Datasheet
225Kb / 21P
QUAD SMART POWER SOLID STATE RELAY FOR COMPLETE H BRIDGE CONFIGURATIONS
Sep-2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com