Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VN770KP Datasheet(PDF) 10 Page - STMicroelectronics

Part # VN770KP
Description  Quad smart power solid state relay for complete H-bridge configurations
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN770KP Datasheet(HTML) 10 Page - STMicroelectronics

Back Button VN770KP Datasheet HTML 6Page - STMicroelectronics VN770KP Datasheet HTML 7Page - STMicroelectronics VN770KP Datasheet HTML 8Page - STMicroelectronics VN770KP Datasheet HTML 9Page - STMicroelectronics VN770KP Datasheet HTML 10Page - STMicroelectronics VN770KP Datasheet HTML 11Page - STMicroelectronics VN770KP Datasheet HTML 12Page - STMicroelectronics VN770KP Datasheet HTML 13Page - STMicroelectronics VN770KP Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
Electrical specifications
VN770KP-E
10/33
DocID022021 Rev 4
Table 7. Switching (per each channel) (VCC = 13 V)
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
td(on)
Turn-on delay time
RL = 13 Ω from VIN rising edge to
VOUT = 1.3 V
—
30
—
μs
td(off)
Turn-off delay time
RL = 13 Ω from VIN falling edge to
VOUT = 11.7 V
—
30
—
μs
dVOUT/dt(on)
Turn-on voltage
slope
RL = 13 Ω from VOUT = 1.3 V to
VOUT = 10.4 V
—
(1)
1. See relative diagram
—V/μs
dVOUT/dt(off)
Turn-off voltage
slope
RL = 13Ω from VOUT = 11.7 V to
VOUT = 1.3 V
—
(1)
—V/μs
Table 8. Logic input (per each channel)
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
VIL
Input low level
1.25
V
IIL
Low level input current
VIN = 1.25 V
1
μA
VIH
Input high level
3.25
V
IIH
High level input current
VIN = 3.25 V
10
μA
VI(hyst)
Input hysteresis voltage
0.5
V
VICL
Input clamp voltage
IIN = 1 mA
6
6.8
8
V
IIN = -1 mA
-0.7
V
Table 9. Status pin (per each channel)
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
VSTAT Status low output voltage ISTAT = 1.6 mA
0.5
V
ILSTAT Status leakage current
Normal operation; VSTAT = 5 V
10
μA
CSTAT
Status pin input
capacitance
Normal operation; VSTAT = 5 V
100
pF
VSCL
Status clamp voltage
ISTAT = 1 mA
6
6.8
8
V
ISTAT = -1 mA
-0.7
V
Table 10. Protections (per each channel)
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
TTSD
Shutdown temperature
150
175
200
°C
TR
Reset temperature
135
-
°C
Thyst
Thermal hysteresis
7
15
°C
tSDL
Status delay in
overload conditions
Tj > TTSD
20
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com