Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VN770KP Datasheet(PDF) 9 Page - STMicroelectronics

Part # VN770KP
Description  Quad smart power solid state relay for complete H-bridge configurations
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN770KP Datasheet(HTML) 9 Page - STMicroelectronics

Back Button VN770KP Datasheet HTML 5Page - STMicroelectronics VN770KP Datasheet HTML 6Page - STMicroelectronics VN770KP Datasheet HTML 7Page - STMicroelectronics VN770KP Datasheet HTML 8Page - STMicroelectronics VN770KP Datasheet HTML 9Page - STMicroelectronics VN770KP Datasheet HTML 10Page - STMicroelectronics VN770KP Datasheet HTML 11Page - STMicroelectronics VN770KP Datasheet HTML 12Page - STMicroelectronics VN770KP Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
DocID022021 Rev 4
9/33
VN770KP-E
Electrical specifications
32
2.3
Electrical characteristics for dual high side switch
8 V < VCC< 36 V; -40°C < Tj < 150°C, unless otherwise specified.
RIN MIN Minimum input series impedance
150
Ω
ID
Drain current
Internally limited
A
IR
Reverse DC output current
-10.5
A
VESD1
Electrostatic discharge (R = 1.5 KΩ, C = 100 pF)
4000
V
VESD2
Electrostatic discharge on output pin only (human
body model: R = 330 Ω, C = 150 pF)
5000
V
Ptot
Power dissipation (TC = 25°C)
6
W
Tj
Operating junction temperature
Internally limited
°C
Tc
Case operating temperature
Internally limited
°C
Tstg
Storage temperature
-55 to 150
°C
Table 5. Low side switch (continued)
Symbol
Parameter
Value
Unit
Table 6. Power outputs (per each channel)
Symbol
Parameter
Test conditions
Min
Typ
Max Unit
VCC(1)
1. Per device.
Operating supply
voltage
5.5
13
36
V
VUSD(1) Undervoltage shutdown
3
4
5.5
V
VOV(1) Overvoltage shutdown
36
-
-
V
RON
On-state resistance
IOUT = 1 A; Tj = 25°C
160
mΩ
IOUT = 1 A; VCC > 8 V
320
mΩ
IS(1)
Supply current
Off-state; VCC = 13 V;
VIN = VOUT =0 V
12
40
μA
Off-state; VCC = 13 V;
VIN = VOUT =0 V; Tj = 25°C
12
25
μA
On-state; VCC = 13V; VIN = 5V;
IOUT = 0 V
57
mA
IL(off1) Off-state output current VIN = VOUT = 0 V
0
50
μA
IL(off2) Off-state output current VIN = 0 V; VOUT = 3.5 V
-75
0
μA
IL(off3) Off-state output current
VIN = VOUT = 0 V; VCC = 13 V;
Tj = 125°C
5
μA
IL(off4) Off-state output current
VIN = VOUT = 0 V; VCC = 13 V;
Tj = 25°C
3
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com