Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VN770KP Datasheet(PDF) 22 Page - STMicroelectronics

Part # VN770KP
Description  Quad smart power solid state relay for complete H-bridge configurations
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN770KP Datasheet(HTML) 22 Page - STMicroelectronics

Back Button VN770KP Datasheet HTML 18Page - STMicroelectronics VN770KP Datasheet HTML 19Page - STMicroelectronics VN770KP Datasheet HTML 20Page - STMicroelectronics VN770KP Datasheet HTML 21Page - STMicroelectronics VN770KP Datasheet HTML 22Page - STMicroelectronics VN770KP Datasheet HTML 23Page - STMicroelectronics VN770KP Datasheet HTML 24Page - STMicroelectronics VN770KP Datasheet HTML 25Page - STMicroelectronics VN770KP Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 33 page
background image
Application recommendations
VN770KP-E
22/33
DocID022021 Rev 4
3
Application recommendations
Figure 44. Application diagram bridge drivers
Most motor bridge drivers use a reverse battery protection diode (D) inside the supply rail.
This diode prevents a reverse current flow back to VBATT in case the bridge becomes
disabled via the logic inputs while motor inductance still carries energy. In order to prevent a
hazardous overvoltage at circuit supply terminal (VCC), a blocking capacitor (C) is needed to
limit the voltage overshoot. As basic orientation, 50 μF per 1 A load current is
recommended. As an alternative, a Zener protection (Z) is also suitable.
Even if a reverse polarity diode is not present, it is recommended to use a capacitor or
Zener at VCC because a similar problem appears in case the supply terminal of the module
has intermittent electrical contact to the battery or gets disconnected while the motor is
operating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com