Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VN770KP Datasheet(PDF) 11 Page - STMicroelectronics

Part # VN770KP
Description  Quad smart power solid state relay for complete H-bridge configurations
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN770KP Datasheet(HTML) 11 Page - STMicroelectronics

Back Button VN770KP Datasheet HTML 7Page - STMicroelectronics VN770KP Datasheet HTML 8Page - STMicroelectronics VN770KP Datasheet HTML 9Page - STMicroelectronics VN770KP Datasheet HTML 10Page - STMicroelectronics VN770KP Datasheet HTML 11Page - STMicroelectronics VN770KP Datasheet HTML 12Page - STMicroelectronics VN770KP Datasheet HTML 13Page - STMicroelectronics VN770KP Datasheet HTML 14Page - STMicroelectronics VN770KP Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
DocID022021 Rev 4
11/33
VN770KP-E
Electrical specifications
32
Note:
To ensure long term reliability under heavy overload or short circuit conditions, protection
and related diagnostic signals must be used together with a proper software strategy. If the
device is subjected to abnormal conditions, this software must limit the duration and number
of activation cycles.
2.4
Electrical characteristics for low side switches
-40°C < Tj < 150°C, unless otherwise specified.
Ilim
Current limitation
710
13
A
Tj = 125 °C
8
13
A
5.5 V < VCC < 36 V13
A
Vdemag
Turn-off output clamp
voltage
IOUT = 1 A; L = 6 mH
VCC - 41 VCC - 48 VCC - 55
V
Table 10. Protections (per each channel) (continued)
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
Table 11. Openload detection (per each channel)
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
IOL
Openload on-state detection threshold VIN = 5 V
20
40
80
mA
tDOL(on) Openload on-state detection delay
IOUT = 0 A
200
μs
VOL
Openload off-state voltage detection
threshold
VIN = 0 V
1.5
2.5
3.5
V
tDOL(off) Openload detection delay at turn-off
1000
μs
Table 12. Off-state
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
VCLAMP
Drain source clamp
voltage
VIN = 0 V; ID = 3.5 A
40
45
55
V
VCLTH
Drain source clamp
threshold voltage
VIN = 0 V; ID = 2 mA
36
V
VINTH Input threshold voltage
VDS = VIN; ID = 1 mA
0.5
2.5
V
IISS
Supply current from
input pin
VDS = 0 V; VIN = 5 V
100
150
μA
VINCL
Input-source clamp
voltage
IIN = 1 mA
6
6.8
8
V
IIN = -1 mA
-1.0
-0.3
V
IDSS
Zero input voltage drain
current (VIN = 0 V)
VDS = 13 V; VIN = 0 V; Tj = 25°C
30
μA
VDS = 25 V; VIN = 0 V75
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com