Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VL6624 Datasheet(PDF) 62 Page - STMicroelectronics

Part # VL6624
Description  1.3 Megapixel single-chip camera module
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL6624 Datasheet(HTML) 62 Page - STMicroelectronics

Back Button VL6624 Datasheet HTML 58Page - STMicroelectronics VL6624 Datasheet HTML 59Page - STMicroelectronics VL6624 Datasheet HTML 60Page - STMicroelectronics VL6624 Datasheet HTML 61Page - STMicroelectronics VL6624 Datasheet HTML 62Page - STMicroelectronics VL6624 Datasheet HTML 63Page - STMicroelectronics VL6624 Datasheet HTML 64Page - STMicroelectronics VL6624 Datasheet HTML 65Page - STMicroelectronics VL6624 Datasheet HTML 66Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 106 page
background image
Register map
VL6624/VS6624
62/106
Automatic Frame rate control
Exposure controls
Table 22.
Automatic Frame Rate Control
Index
AutomaticFrameRateControl(1)
0x0e80
bDisableFrameRateDamper
Default value
0x00
Purpose
Defines the mode in which the framerate of the system would work
Type
Possible values
<0> Manual
<1> Auto
0x0e8c (MSByte)
0x0e8a (LSByte)
bMinimumDamperOutput
Default value
0x00
Purpose
Sets the minimum framerate employed when in automatic framerate
mode.
Type
UINT16
1.
Can be controlled in all stable states
Table 23.
Exposure controls
Index
ExposureControls(1)
0x1180
bMode
Default value
<0> AUTOMATIC_MODE
Purpose
Sets the mode for the Exposure Algorithm
Type
CODED
possible values
<0> AUTOMATIC_MODE - Automatic Mode of Exposure which includes
computation of Relative Step
<1> COMPILED_MANUAL_MODE - Compiled Manual Mode in which
the desired exposure is given and not calculated by algorithm
<2> DIRECT_MANUAL_MODE - Mode in which the exposure
parameters are input directly and not calculated by compiler
<3> FLASHGUN_MODE - Flash Gun Mode in which the exposure
parameters are set to fixed values



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com