Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VL6624 Datasheet(PDF) 29 Page - STMicroelectronics

Part # VL6624
Description  1.3 Megapixel single-chip camera module
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL6624 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button VL6624 Datasheet HTML 25Page - STMicroelectronics VL6624 Datasheet HTML 26Page - STMicroelectronics VL6624 Datasheet HTML 27Page - STMicroelectronics VL6624 Datasheet HTML 28Page - STMicroelectronics VL6624 Datasheet HTML 29Page - STMicroelectronics VL6624 Datasheet HTML 30Page - STMicroelectronics VL6624 Datasheet HTML 31Page - STMicroelectronics VL6624 Datasheet HTML 32Page - STMicroelectronics VL6624 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 106 page
background image
VL6624/VS6624
Data synchronization methods
29/106
Mode 2 Logical DMA channels
The purpose of logical channels is to separate different data flows which are interleaved in
the data stream, in the case of the VS6624 this allows the identification of the pipe setup
bank used for an image frame. The DMA channel identifier number is directly encoded in the
4-byte mode2 embedded sync codes. The receiver can then monitor the DMA channel
identifier and de-multiplex the interleaved video streams to their appropriate DMA channel.
The bChannelID register can have the value 0 to 6. The DMA channel identifier must be fully
programmable to allow the host to configure which DMA channels the different video data
stream use.
Logical channel control
The channel identifier is a part of Mode2 synchronization code, upper four bits of last byte of
synchronization code.
Figure 13. illustrates the synchronization code with logical channel
identifiers.
Figure 13. Mode 2 frame structure (VGA example)
VSYNC and HSYNC
The VL6624/VS6624 can provide two programmable hardware synchronization signals:
VSYNC and HSYNC. The position of these signals within the output frame can be
programmed by the user or an automatic setting can be used where the signals track the
active video portion of the output frame regardless of its size.
Horizontal synchronization signal (HSYNC)
The HSYNC signal is controlled by the bHSyncSetup register. The following options are
available:
enable/disable
select polarity
all lines or active lines only
manual or automatic
F
F
000
0
DC LC
DMA Channel Number
Valid channels = 0 to 6
Line code
0x0 = Line Start
0x1 = Line End
0x2 = Frame Start
0x3 = Frame End
32-bit embedded mode 2 sync code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com