Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VL6624 Datasheet(PDF) 8 Page - STMicroelectronics

Part # VL6624
Description  1.3 Megapixel single-chip camera module
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL6624 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button VL6624 Datasheet HTML 4Page - STMicroelectronics VL6624 Datasheet HTML 5Page - STMicroelectronics VL6624 Datasheet HTML 6Page - STMicroelectronics VL6624 Datasheet HTML 7Page - STMicroelectronics VL6624 Datasheet HTML 8Page - STMicroelectronics VL6624 Datasheet HTML 9Page - STMicroelectronics VL6624 Datasheet HTML 10Page - STMicroelectronics VL6624 Datasheet HTML 11Page - STMicroelectronics VL6624 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 106 page
background image
Overview
VL6624/VS6624
8/106
1
Overview
The VL6624/VS6624 is a SXGA resolution CMOS imaging device designed for low power
systems.
Manufactured using ST 0.18 µm CMOS Imaging process, it integrates a high-sensitivity pixel
array, a digital image processor and camera control functions.
The VS6624 is capable of streaming SXGA video up to 15 fps, with ITU-R BT.656-4 YUV
4:2:2 frame format. It supports both 1.8 V and 2.8 V interface and requires a 2.4 to 3.0 V
analog power supply. Typically, the VS6624 can operate as a 2.8 V single supply camera or
as a 1.8 V interface / 2.8 V supply camera. The integrated PLL allows for low frequency
system clock, and flexibility for successful EMC integration.
The VS6624 camera module uses ST’s 2nd generation “SmOP2” packaging technology: the
sensor, lens and passives are assembled, tested and focused in a fully automated process,
allowing high volume and low cost production.
The device contains an embedded video processor and delivers fully color processed
images at up to 15 frames per second SXGA and up to 30 fps VGA.
The video data is output over an 8-bit parallel bus in RGB, YCbCr or bayer formats.
The VL6624/VS6624 requires an analogue power supply of between 2.4 V to 3.0 V and a
digital supply of either 1.8 V or 2.8 V (dependant on interface levels required). An input clock
is required in the range 6.5 MHz to 54 MHz.
The VL6624/VS6624 is controlled via an I²C interface.
It also includes a wide range of image enhancement functions, designed to ensure high
image quality, these include:
Automatic exposure control
Automatic white balance
Lens shading compensation
Defect correction algorithms
Demosaic (Bayer to RGB conversion)
Colour space conversion
Sharpening
Gamma correction
Flicker cancellation
NoRA Noise Reduction Algorithm
Intelligent image scaling



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com