Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VL6624 Datasheet(PDF) 32 Page - STMicroelectronics

Part # VL6624
Description  1.3 Megapixel single-chip camera module
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL6624 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button VL6624 Datasheet HTML 28Page - STMicroelectronics VL6624 Datasheet HTML 29Page - STMicroelectronics VL6624 Datasheet HTML 30Page - STMicroelectronics VL6624 Datasheet HTML 31Page - STMicroelectronics VL6624 Datasheet HTML 32Page - STMicroelectronics VL6624 Datasheet HTML 33Page - STMicroelectronics VL6624 Datasheet HTML 34Page - STMicroelectronics VL6624 Datasheet HTML 35Page - STMicroelectronics VL6624 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 106 page
background image
Data synchronization methods
VL6624/VS6624
32/106
Figure 16. QCLK options
The YUV, RGB and bayer timings are represented on
Figure 17, with the associated
qualifying pclk clock. The output clock rate is effectively halved for the bayer 8-bit and
YUV4:0:0 modes where only one byte of output data is required per pixel.
Figure 17. Qualification clock
D0
D1
D2
data
Negative edge
PCLK
Negative edge
Positive edge
Positive edge
None-active
level - Low
None-active
level - High
Yn
Cbn,n+1
Yn+1
Crn,n+1
YCbCr
Data[7:0]
Data[7:0]
RGB565
Cbn+2,n+3
RGB444
Pix0_lsb
Pix0_msb
Pix1_lsb
Pix1_msb
Pix2_lsb
Data[7:0]
Bayer 10-Bit
Pix0_lsb
Pix0_msb
Pix1_lsb
Pix1_msb
Pix2_lsb
Data[7:0]
Bayer 8-Bit
Pix0
Pix1
Pix2
Data[7:0]
YUV 4:0:0
Pix0
Pix1
Pix2
16-bit data output formats - 2 bytes per pixel
8-bit data output formats- 1 byte per pixel
PCLK
PCLK
PCLK
PCLK
PCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com