Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VL6624 Datasheet(PDF) 92 Page - STMicroelectronics

Part # VL6624
Description  1.3 Megapixel single-chip camera module
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL6624 Datasheet(HTML) 92 Page - STMicroelectronics

Back Button VL6624 Datasheet HTML 88Page - STMicroelectronics VL6624 Datasheet HTML 89Page - STMicroelectronics VL6624 Datasheet HTML 90Page - STMicroelectronics VL6624 Datasheet HTML 91Page - STMicroelectronics VL6624 Datasheet HTML 92Page - STMicroelectronics VL6624 Datasheet HTML 93Page - STMicroelectronics VL6624 Datasheet HTML 94Page - STMicroelectronics VL6624 Datasheet HTML 95Page - STMicroelectronics VL6624 Datasheet HTML 96Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 106 page
background image
Electrical characteristics
VL6624/VS6624
92/106
Table 50.
Timing specification(1)
Symbol
Parameter
Standard mode
Fast mode
Unit
Min.
Max.
Min.
Max.
fSCL
SCL clock frequency
0
100
0
400
kHz
tHD;STA
Hold time for a repeated
start
4.0
-
0.6
-
μs
tLOW
LOW period of SCL
4.7
-
1.3
-
μs
tHIGH
HIGH period of SCL
4.0
-
0.6
-
μs
tSU;STA
Set-up time for a repeated
start
4.7
-
0.6
-
μs
tHD;DAT
Data hold time (1)
300
-
300
-
ns
tSU;DAT
Data Set-up time (1)
250
-
100
-
ns
tr
Rise time of SCL, SDA
-
1000
20+0.1Cb
(2)
300
ns
tf
Fall time of SCL, SDA
-
300
20+0.1Cb
(2)
300
ns
tSU;STO
Set-up time for a
stop
4.0
-
0.6
-
μs
tBUF
Bus free time between a
stop and a
start
4.7
-
1.3
-
μs
Cb
Capacitive Load for each bus line
-
400
-
400
pF
VnL
Noise Margin at the LOW level for each
connected device (including hysteresis)
0.1 VDD
-
0.1 VDD
-
V
VnH
Noise Margin at the HIGH level for each
connected device (including hysteresis)
0.2 VDD
-
0.2 VDD
-
V
1.
All values are referred to a VIHmin = 0.9 VDD and VILmax = 0.1 VDD
2.
Cb = capacitance of one bus line in pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com