Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VL6624 Datasheet(PDF) 19 Page - STMicroelectronics

Part # VL6624
Description  1.3 Megapixel single-chip camera module
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL6624 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button VL6624 Datasheet HTML 15Page - STMicroelectronics VL6624 Datasheet HTML 16Page - STMicroelectronics VL6624 Datasheet HTML 17Page - STMicroelectronics VL6624 Datasheet HTML 18Page - STMicroelectronics VL6624 Datasheet HTML 19Page - STMicroelectronics VL6624 Datasheet HTML 20Page - STMicroelectronics VL6624 Datasheet HTML 21Page - STMicroelectronics VL6624 Datasheet HTML 22Page - STMicroelectronics VL6624 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 106 page
background image
VL6624/VS6624
Frame control
19/106
Figure 4.
Crop controls
Zoom
It is possible to zoom between the sensor size selected and the output size (if the output
size selected equals the sensor mode size then no zoom can take place).
The zoom step size in both the horizontal and vertical directions are selectable and zoom
controlled with the commands zoom_in, zoom_out and zoom_stop.
Pan
It is possible to pan left, right, up and down when the output size selected is smaller than the
sensor size selected. (if the output size selected equals the sensor mode size then no pan
can take place).
The pan step size in both the horizontal and vertical directions are selectable.
Frame rate control
The VL6624/VS6624 features an extremely flexible frame rate controller. Using registers
uwDesiredFrameRate_Num, and uwDesiredFrameRate_Den any desired frame rate
between 2 and 15 fps can be selected for the SXGA sensor mode and between 1 and 30fps
for a VGA sensor mode. To program a required frame rate of 7.5 fps the numerator can be
set to 15 and the denominator to 2.
Cropped ROI
FFOV
Sensor array horizontal size
Sensor array
vertical size
uwManualCropHorizontalStart
uwManualCropVerticalStart
uwManualCropVerticalSize
uwManualCropHorizontalSize



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com